Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7568 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7568
Description  LC2MOS Octal 12-Bit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7568 Datasheet(HTML) 1 Page - Analog Devices

  AD7568 Datasheet HTML 1Page - Analog Devices AD7568 Datasheet HTML 2Page - Analog Devices AD7568 Datasheet HTML 3Page - Analog Devices AD7568 Datasheet HTML 4Page - Analog Devices AD7568 Datasheet HTML 5Page - Analog Devices AD7568 Datasheet HTML 6Page - Analog Devices AD7568 Datasheet HTML 7Page - Analog Devices AD7568 Datasheet HTML 8Page - Analog Devices AD7568 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
R
B
R
F
DAC A
DAC A
LATCH
INPUT
LATCH A
INPUT
LATCH B
INPUT
LATCH C
INPUT
LATCH D
INPUT
LATCH E
INPUT
LATCH F
INPUT
LATCH G
DAC B
LATCH
DAC C
LATCH
DAC D
LATCH
DAC E
LATCH
DAC F
LATCH
DAC G
LATCH
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
V
B
REF
V
D
REF
R
G
FB
V
G
REF
V
F
REF
V
E
REF
FB
FB
R
E
R
D
R
C
FB
FB
R
A
FB
REF
V
A
V
C
REF
V
DD
DGND
LDAC
CLR
AD7568
12
12
12
12
12
12
12
12
12
12
12
12
12
12
V
H
REF
A0
CONTROL LOGIC
+
INPUT SHIFT
REGISTER
CLKIN
SDIN
SDOUT
INPUT
LATCH H
DAC H
LATCH
DAC H
R
H
FB
12
12
FSIN
I
A
I
A
I
B
I
B
I
C
I
D
I
C
I
D
I
E
I
F
I
E
I
F
I
G
I
H
I
G
I
H
AGND
12
OUT1
OUT2
OUT1
OUT2
OUT1
OUT2
FB
OUT1
OUT2
OUT1
OUT2
OUT1
OUT2
OUT1
OUT2
OUT1
OUT2
a
LC2MOS
Octal 12-Bit DAC
AD7568
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Eight 12-Bit DACs in One Package
4-Quadrant Multiplication
Separate References
Single +5 V Supply
Low Power: 1 mW
Versatile Serial Interface
Simultaneous Update Capability
Reset Function
44-Pin PQFP and PLCC
APPLICATIONS
Process Control
Automatic Test Equipment
General Purpose Instrumentation
PIN CONFIGURATIONS
Plastic Quad Flatpack
Plastic Leaded Chip Carrier
AD7568
TOP VIEW
(Not to Scale)
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
PIN 1 IDENTIFIER
NC
V
B
REF
R
G
FB
V
G
REF
V
F
REF
FB
R
F
R
C
FB
FB
R
B
R
A
FB
REF
V
A
V
C
REF
V
H
REF
R
H
FB
I
C
I
F
NC
NC = NO CONNECT
OUT1
I
C
OUT2
I
B
OUT1
I
B
OUT2
OUT1
I
F
OUT2
I
G
OUT1
I
G
OUT2
AD7568 PQFP
TOP VIEW
Not to Scale
NC = NO CONNECT
NC
VREF C
VREF B
RFB B
IOUT1 B
IOUT1 C
NC
VREF F
VREF G
RFB G
RFB F
IOUT2 F
VREF A
RFB A
IOUT2 B
IOUT2 G
VREF H
RFB H
IOUT1 G
44
1
2
64
5
21
24
23
22
18
20
19
39
38
35
34
33
37
36
3
7
8
11
12
13
9
10
40
41
42
25
28
27
26
43
31
30
29
32
15
16
17
14
TOP VIEW
(Not to Scale)
AD7568 PLCC
IOUT2 C
RFB C
IOUT1 F
GENERAL DESCRIPTION
The AD7568 contains eight 12-bit DACs in one monolithic de-
vice. The DACs are standard current output with separate VREF,
IOUT1, IOUT2 and RFB terminals.
The AD7568 is a serial input device. Data is loaded using
FSIN
, CLKIN and SDIN. One address pin, A0, sets up a de-
vice address, and this feature may be used to simplify device
loading in a multi-DAC environment.
All DACs can be simultaneously updated using the asynchro-
nous LDAC input and they can be cleared by asserting the
asynchronous CLR input.
The AD7568 is housed in a space-saving 44-pin plastic quad
flatpack and 44-lead PLCC.
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.


Similar Part No. - AD7568

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568BP AD-AD7568BP Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BP-REEL AD-AD7568BP-REEL Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BPZ-REEL AD-AD7568BPZ-REEL Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results

Similar Description - AD7568

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7845 AD-AD7845 Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com