Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24195 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24195
Description  I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24195 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24195 Datasheet HTML 1Page - Texas Instruments BQ24195 Datasheet HTML 2Page - Texas Instruments BQ24195 Datasheet HTML 3Page - Texas Instruments BQ24195 Datasheet HTML 4Page - Texas Instruments BQ24195 Datasheet HTML 5Page - Texas Instruments BQ24195 Datasheet HTML 6Page - Texas Instruments BQ24195 Datasheet HTML 7Page - Texas Instruments BQ24195 Datasheet HTML 8Page - Texas Instruments BQ24195 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
STAT
SCL
SDA
FBO
CONVERTER
CONTROL
PGND
REGN
BTST
REGN
TSHUT
T
SHUT
IC T
J
TS1
REGN
LDO
bq24195L
bq24195
PMID
Q1
VBUS
Q3
Q2
SW
Q4
SYS
BAT
CHARGE
CONTROL
STATE
MACHINE
I2C
Interface
INT
I
INDPM
I
CHG_REG
V
SYSMIN
V
BAT_REG
IC T
J
T
REG
BATLOWV
BAT
2.8V
SUSPEND
RECHRG
BAT
4.1V
REFRESH
4.2V
V
(BTST-SW)
UCP
100mA
I(Q3)
BATOVP
104%xV
BAT_REG
BAT
V
INDPM
D+
D–
USB Host
Adapter
Detection
OTG
EN_CHARGE
EN_BOOST
BAD_SRC
30mA
I
DC
BAT_GD
3.6V
BAT
EN_HIZ
USB
Adapter
1.5A
TERMINATION
I
TERM
I
CHG
BATSHORT
BAT
2V
CONVERTER
CONTROL
STATE
MACHINE
Q2_OCP
7A
I(Q2)
SYS
BAT
REF
DAC
I
CHG_REG
3.8V
UVLO
V
BATz+80mV
SLEEP
18V
ACOV
EN_HIZ
CE
ILIM
TS2
I
CHG
V
BAT_REG
Q4 Gate
Control
Q3_OCP_BOOST
3.2A
I(Q3)
Q2_UCP_BOOST
100mA
I(Q2)
BATTERY
THERMISTER
SENSING
Q1 Gate
Control
bq24195
bq24195L
SLUSB97 – OCTOBER 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: bq24195 bq24195L


Similar Part No. - BQ24195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
bq24190 TI1-bq24190 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190RGER TI1-BQ24190RGER Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24190RGER TI-BQ24190RGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - BQ24195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24295RGER TI-BQ24295RGER Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
logo
ETA SOLUTIONS CO. LIMIT...
ETA9688 ETA-ETA9688 Datasheet
168Kb / 1P
   5V/2.1A Synchronous Boost with 1A linear Charger
logo
Texas Instruments
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
SparkFun Electronics
TOL-16272 SPARKFUN-TOL-16272 Datasheet
117Kb / 1P
   USB-C Wall Adapter - 5.1V, 3A (Black)
6????0
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com