Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24195RGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # bq24195RGET
Description  I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24195RGET Datasheet(HTML) 3 Page - Texas Instruments

  bq24195RGET Datasheet HTML 1Page - Texas Instruments bq24195RGET Datasheet HTML 2Page - Texas Instruments bq24195RGET Datasheet HTML 3Page - Texas Instruments bq24195RGET Datasheet HTML 4Page - Texas Instruments bq24195RGET Datasheet HTML 5Page - Texas Instruments bq24195RGET Datasheet HTML 6Page - Texas Instruments bq24195RGET Datasheet HTML 7Page - Texas Instruments bq24195RGET Datasheet HTML 8Page - Texas Instruments bq24195RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
VBUS
PMID
OTG
D+
D–
STAT
SDA
SCL
INT
CE
SW
BTST
REGN
PGND
SYS
BAT
ILIM
TS1
TS2
+3.3V
Host
REGN
REGN
USB
3.9V –17V
bq24195L
Phone
Tablet
BATTERY
Q1
CSD25302Q2
C5
10 F
m
C1
C2
1 F
m
C3
47nF
C4
4.7 F
m
L1
2.2 H
m
Q3
Si2312DS
SYS
Adapter +
Power Pad
Adapter –
Q2
Si2312DS
R1
333W
(1.5A max)
RTH
10kW
RT1
5.52kW
RT2
31.23kW
R2
2.2kW
R3
10kW
R4
10kW
R5
10kW
R6
10kW
R7
10kW
R8
262kW
R9
100kW
R10
121kW
R11
49.9kW
C8
1nF
C6
10 F
m
Recommended C1(min) = 20 F (bq24195L) or 60 F (bq24195)
m
m
bq24195
C7
10 F
m
bq24195
bq24195L
www.ti.com
SLUSB97 – OCTOBER 2012
APPLICATION SCHEMATIC
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24195 bq24195L


Similar Part No. - bq24195RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
bq24190 TI1-bq24190 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190RGER TI1-BQ24190RGER Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24190RGER TI-BQ24190RGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - bq24195RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24295RGER TI-BQ24295RGER Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
logo
ETA SOLUTIONS CO. LIMIT...
ETA9688 ETA-ETA9688 Datasheet
168Kb / 1P
   5V/2.1A Synchronous Boost with 1A linear Charger
logo
Texas Instruments
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
logo
SparkFun Electronics
TOL-16272 SPARKFUN-TOL-16272 Datasheet
117Kb / 1P
   USB-C Wall Adapter - 5.1V, 3A (Black)
6????0
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com