Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7669 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7669
Description  LC2MOS Complete, 8-Bit Analog I/0 Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7669 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7669 Datasheet HTML 6Page - Analog Devices AD7669 Datasheet HTML 7Page - Analog Devices AD7669 Datasheet HTML 8Page - Analog Devices AD7669 Datasheet HTML 9Page - Analog Devices AD7669 Datasheet HTML 10Page - Analog Devices AD7669 Datasheet HTML 11Page - Analog Devices AD7669 Datasheet HTML 12Page - Analog Devices AD7669 Datasheet HTML 13Page - Analog Devices AD7669 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
–10–
REV. B
AD7569/AD7669
INTERNAL CLOCK
Clock pulses are generated by the action of an internal current
source charging the external capacitor (CCLK) and this external
capacitor discharging through the external resistor (RCLK).
When a conversion is complete, this internal clock stops operat-
ing and the CLK pin goes to the DGND potential. Connections
for RCLK and CCLK are shown in the operating diagram of Fig-
ure 21. The nominal conversion time versus temperature for the
recommended RCLK and CCLK combination is shown in Figure
6. The internal clock provides a convenient clock source for the
AD7569/AD7669. Due to process variations, the actual operat-
ing frequency for this RCLK/CCLK combination can vary from
device to device by up to
±25%.
Figure 6. Conversion Time vs. Temperature for Internal
Clock Operation
DIGITAL INTERFACE
DAC Timing and Control—AD7569
Table II shows the truth table for DAC operation for the
AD7569. The part contains an 8-bit DAC register, which is
loaded from the data bus under control of CS and WR. The
data contained in the DAC register determines the analog out-
put from the DAC. The WR input is an edge-triggered input,
and data is transferred into the DAC register on the rising edge
of WR. Holding CS and WR low does not make the DAC regis-
ter transparent.
Table II. AD7569 DAC Truth Table
CS
WR
RESET
DAC Function
H
H
H
DAC Register Unaffected
L
L
H
DAC Register Unaffected
L
g
H
DAC Register Updated
g
L
H
DAC Register Updated
X
X
L
DAC Register Loaded with All Zeros
L = Low State, H = High State, X = Don’t Care
The contents of the DAC register are reset to all 0s by an active
low pulse on the RESET line, and for the unipolar output ranges,
the output remains at 0 V after RESET returns high. For the bi-
polar output ranges, a low pulse on RESET causes the output to
go to negative full scale. In unipolar applications, the RESET line
can be used to ensure power-up to 0 V on the AD7569 DAC out-
put and is also useful when used as a zero override in system cali-
bration cycles. If the RESET input is connected to the system
At the end of conversion, the SAR contents are transferred to
the output latch, and the SAR is reset in readiness for a new
conversion. A single conversion lasts for 8 input clock cycles.
Figure 4. Operating Waveforms Using External Clock
ANALOG INPUT
The analog input of the AD7569/AD7669 feeds into an on-chip
track-and-hold amplifier. To accommodate different full-scale
ranges, the analog input signal is conditioned by a gain/offset
network that conditions all input ranges so the internal ADC al-
ways works with a 0 V to +1.25 V signal. As a result, the input
current on the VIN input varies with the input range selected as
shown in Figure 5.
Figure 5. Equivalent VIN Circuit
TRACK-AND-HOLD
The track-and-hold (T/H) amplifier on the analog input of the
AD7569/AD7669 allows the ADC to accurately convert an in-
put sine wave of 2.5 V peak-to-peak amplitude up to a fre-
quency of 200 kHz, the Nyquist frequency of the ADC when
operated at its maximum throughput rate of 400 kHz. This
maximum rate of conversion includes conversion time and time
between conversions. Because the input bandwidth of the T/H
amplifier is much larger than 200 kHz, the input signal should
be band-limited to avoid converting high-frequency noise
components.
The operation of this T/H amplifier is essentially transparent to
the user. The T/H amplifier goes from its tracking mode to its
hold mode at the start of conversion. This occurs when the
ADC receives a conversion start command from either ST or
CS
& RD. At the end of conversion (BUSY going high), the
T/H reverts back to tracking the input signal.
EXTERNAL CLOCK
The AD7569/AD7669 ADC can be used with its on-chip clock
or with an externally applied clock. When using an external
clock, the CLK input of the AD7569/AD7669 may be driven
directly from 74HC, 4000B series buffers (such as 4049) or
from TTL buffers. When conversion is complete, the internal
clock is disabled. The external clock can continue to run be-
tween conversions without being disabled. The mark/space ratio
of the external clock can vary from 70/30 to 30/70.


Similar Part No. - AD7669

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7669 AD-AD7669 Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669 AD-AD7669 Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669AN AD-AD7669AN Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669AN AD-AD7669AN Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669AR AD-AD7669AR Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
More results

Similar Description - AD7669

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669 AD-AD7669_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com