Electronic Components Datasheet Search |
|
AD7575 Datasheet(PDF) 5 Page - Analog Devices |
|
AD7575 Datasheet(HTML) 5 Page - Analog Devices |
5 / 12 page AD7575 –5– REV. B TIMING AND CONTROL OF THE AD7575 The two logic inputs on the AD7575, CS and RD, control both the starting of conversion and the reading of data from the part. A conversion is initiated by bringing both of these control inputs LOW. Two interface options then exist for reading the output data from the AD7575. These are the Slow Memory Interface and ROM Interface, their operation is outlined below. It should be noted that the TP pin of the AD7575 must be hard-wired HIGH to ensure correct operation of the part. This pin is used in testing the device and should not be used as a feedthrough pin in double-sided printed circuit boards. SLOW MEMORY INTERFACE The first interface option is intended for use with microproces- sors that can be forced into a WAIT STATE for at least 5 µs. The microprocessor (such as the 8085A) starts a conversion and is halted until the result of the conversion is read from the con- verter. Conversion is initiated by executing a memory READ to the AD7575 address, bringing CS and RD LOW. BUSY subse- quently goes LOW (forcing the microprocessor READY input LOW), placing the processor into a WAIT state. The input signal, which had been tracked by the analog input, is held on the third falling clock edge of the input clock after CS and RD have gone LOW (see Figure 12). The AD7575 then performs a conversion on this acquired input signal value. When the con- version is complete ( BUSY goes HIGH), the processor com- pletes the memory READ and acquires the newly converted data. The timing diagram for this interface is shown in Figure 3. ADDRESS DECODE ADDRESS LATCH AD7575* TP CS RD BUSY DB0–DB7 ADDRESS BUS DATA BUS +5V A8–A15 S0 ALE AD0–AD7 READY 8085A–2 *LINEAR CIRCUITRY OMITTED FOR CLARITY SO = 0 FOR READ CYCLES Figure 4. AD7575 to 8085A-2 Slow Memory Interface The major advantage of this interface is that it allows the micro- processor to start conversion, WAIT, and then READ data with a single READ instruction. The fast conversion time of the AD7575 ensures that the microprocessor is not placed in a WAIT state for an excessive amount of time. Faster versions of many processors, including the 8085A-2, test the condition of the READY input very soon after the start of an instruction cycle. Therefore, BUSY of the AD7575 must go LOW very early in the cycle for the READY input to be effec- tive in forcing the processor into a WAIT state. When using the 8085A-2, the processor S0 status signal provides the earliest possible indication that a READ operation is about to occur. Hence, S0 (which is LOW for a READ cycle) provides the READ signal to the AD7575. The connection diagram for the AD7575 to 8085A-2 Slow Memory interface is shown in Figure 4. ROM INTERFACE The alternative interface option on the AD7575 avoids placing the microprocessor into a WAIT state. In this interface, a con- version is started with the first READ instruction, and the sec- ond READ instruction accesses the data and starts a second conversion. The timing diagram for this interface is shown in Figure 5. It is possible to avoid starting another conversion on the second READ (see below). Conversion is initiated by executing a memory READ instruc- tion to the AD7575 address, causing CS and RD to go LOW. Data is also obtained from the AD7575 during this instruction. This is old data and may be disregarded if not required. BUSY goes LOW, indicating that conversion is in progress, and re- turns HIGH when conversion is complete. Once again, the input signal is held on the third falling edge of the input clock after CS and RD have gone LOW. The BUSY line may be used to generate an interrupt to the microprocessor or monitored to indicate that conversion is complete. The processor then reads the newly-converted data. Alternatively, the delay between the convert start (first READ instruction) and the data READ (second READ instruction) must be at least as great as the AD7575 conversion time. For the AD7575 to operate correctly in the ROM interface mode, CS and RD should not go LOW before BUSY returns HIGH. Normally, the second READ instruction starts another conver- sion as well as accessing the output data. However, if CS and RD are brought LOW within one external clock period of BUSY going HIGH, a second conversion does not occur. t5 t1 t2 t6 t7 tCONV HIGH IMPEDANCE BUS NEW DATA OLD DATA HIGH IMPEDANCE BUS CS RD BUSY DATA t3 Figure 3. Slow Memory Interface Timing Diagram |
Similar Part No. - AD7575 |
|
Similar Description - AD7575 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |