Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7575 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7575
Description  LC2MOS 5 us 8-Bit ADC with Track/Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7575 Datasheet(HTML) 4 Page - Analog Devices

  AD7575 Datasheet HTML 1Page - Analog Devices AD7575 Datasheet HTML 2Page - Analog Devices AD7575 Datasheet HTML 3Page - Analog Devices AD7575 Datasheet HTML 4Page - Analog Devices AD7575 Datasheet HTML 5Page - Analog Devices AD7575 Datasheet HTML 6Page - Analog Devices AD7575 Datasheet HTML 7Page - Analog Devices AD7575 Datasheet HTML 8Page - Analog Devices AD7575 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7575
–4–
REV. B
TERMINOLOGY
LEAST SIGNIFICANT BIT (LSB)
An ADC with 8-bits resolution can resolve 1 part in 2
8 (i.e.,
256) of full scale. For the AD7575 with +2.46 V full-scale one
LSB is 9.61 mV.
TOTAL UNADJUSTED ERROR
This is a comprehensive specification that includes full-scale
error, relative accuracy and offset error.
RELATIVE ACCURACY
Relative Accuracy is the deviation of the ADC’s actual code
transition points from a straight line drawn between the devices
measured first LSB transition point and the measured full-scale
transition point.
SNR
Signal-to-Noise Ratio (SNR) is the ratio of the desired signal to
the noise produced in the sampled and digitized analog signal.
SNR is dependent on the number of quantization levels used in
the digitization process; the more levels, the smaller the quantiza-
tion noise. The theoretical SNR for a sine wave input is given by
SNR = (6.02 N + 1.76) dB
where N is the number of bits in the ADC.
FULL-SCALE ERROR (GAIN ERROR)
The gain of a unipolar ADC is defined as the difference between
the analog input levels required to produce the first and the last
digital output code transitions. Gain error is a measure of the
deviation of the actual span from the ideal span of FS – 2 LSBs.
ANALOG INPUT RANGE
With VREF = +1.23 V, the maximum analog input voltage range
is 0 V to +2.46 V. The output data in LSBs is related to the
analog input voltage by the integer value of the following
expression:
Data (LSBs) =
256 AIN
2 VREF
+ 0.5
SLEW RATE
Slew Rate is the maximum allowable rate of change of input
signal such that the digital sample values are not in error. Slew
Rate limitations may restrict the analog signal bandwidth for
full-scale analog signals below the bandwidth allowed from
sampling theorem considerations.
ORDERING GUIDE
Relative
Temperature
Accuracy
Package
Model
1
Range
(LSB)
Options
2
AD7575JR
0
°C to +70°C
±1 max
R-18
AD7575JN
0
°C to +70°C
±1 max
N-18
AD7575KN
0
°C to +70°C
±1/2 max
N-18
AD7575JP
0
°C to +70°C
±1 max
P-20A
AD7575KP
0
°C to +70°C
±1/2 max
P-20A
AD7575AQ
–25
°C to +85°C
±1 max
Q-18
AD7575BQ
–25
°C to +85°C
±1/2 max
Q-18
AD7575SQ
–55
°C to +125°C
±1 max
Q-18
AD7575TQ
–55
°C to +125°C
±1/2 max
Q-18
AD7575SE
–55
°C to +125°C
±1 max
E-20A
AD7575TE
–55
°C to +125°C
±1/2 max
E-20A
NOTES
1To order MIL-STD-883, Class B process parts, add /883B to part number.
Contact local sales office for military data sheet. For U.S. Standard Military
Drawing (SMD), see DESC drawing #5962-87762.
2E = Leadless Ceramic Chip Carrier; N = Plastic DIP; P = Plastic Leaded Chip
Carrier; Q = Cerdip, R = SOIC.
PIN CONFIGURATIONS
PLCC
DIP/SOIC
LCCC
TOP VIEW
(Not to Scale)
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
AD7575
DGND
DB5
CS
RD
TP
BUSY
DB6
DB7 (MSB)
CLK
DB4
DB3
VDD
VREF
AIN
AGND
DB2
DB1
DB0 (LSB)
TOP VIEW
(Not to Scale)
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
9
10 111213
NC = NO CONNECT
BUSY
CLK
DB7 (MSB)
DB6
DB5
AIN
AGND
DB0 (LSB)
DB1
DB2
AD7575
3
2
1
20
19
9
10
11
12
13
18
17
16
15
14
4
5
6
7
8
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
NC = NO CONNECT
TP
BUSY
CLK
DB7 (MSB)
DB6
AIN
AGND
DB0 (LSB)
DB1
DB2
AD7575


Similar Part No. - AD7575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575 AD-AD7575 Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7575AQ AD-AD7575AQ Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575AQ AD-AD7575AQ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
More results

Similar Description - AD7575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821 Datasheet
249Kb / 12P
   LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com