Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555APW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9555APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9555APW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9555APW Datasheet HTML 4Page - NXP Semiconductors PCA9555APW Datasheet HTML 5Page - NXP Semiconductors PCA9555APW Datasheet HTML 6Page - NXP Semiconductors PCA9555APW Datasheet HTML 7Page - NXP Semiconductors PCA9555APW Datasheet HTML 8Page - NXP Semiconductors PCA9555APW Datasheet HTML 9Page - NXP Semiconductors PCA9555APW Datasheet HTML 10Page - NXP Semiconductors PCA9555APW Datasheet HTML 11Page - NXP Semiconductors PCA9555APW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PCA9555A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 11 September 2012
8 of 39
NXP Semiconductors
PCA9555A
Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up
6.3 I/O port
When an I/O is configured as an input, FETs Q1 and Q2 are off, which creates a
high-impedance input. The input voltage may be raised above VDD to a maximum of 5.5 V.
If the I/O is configured as an output, Q1 or Q2 is enabled, depending on the state of the
Output port register. In this case, there are low-impedance paths between the I/O pin and
either VDD or VSS. The external voltage applied to this I/O pin should not exceed the
recommended levels for proper operation.
At power-on reset, all registers return to default values.
Fig 6.
Simplified schematic of the I/Os (P0_0 to P0_7, P1_0 to P1_7)
VDD
P0_0 to P0_7
P1_0 to P1_7
output port
register data
configuration
register
DQ
CK
Q
data from
shift register
write configuration
pulse
output port
register
DQ
CK
write pulse
polarity inversion
register
DQ
CK
data from
shift register
write polarity
pulse
input port
register
DQ
CK
read pulse
input port
register data
polarity inversion
register data
002aah328
FF
data from
shift register
FF
FF
FF
Q1
Q2
VSS
to INT
100 kΩ


Similar Part No. - PCA9555APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555A NXP-PCA9555A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9555APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL9555A NXP-PCAL9555A Datasheet
2Mb / 46P
   Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
Rev. 1-3 October 2012
PCA9554B NXP-PCA9554B Datasheet
2Mb / 36P
   Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
Rev. 1-19 September 2012
PCAL9554B NXP-PCAL9554B Datasheet
2Mb / 42P
   Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
Rev. 2-10 December 2012
PCA9535A NXP-PCA9535A Datasheet
2Mb / 38P
   Low-voltage 16-bit I2C-bus I/O port with interrupt
Rev. 1-11 September 2012
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com