Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD760AQ Datasheet(PDF) 11 Page - Analog Devices

Part # AD760AQ
Description  16/18-Bit Self-Calibrating Serial/Byte DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD760AQ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD760AQ Datasheet HTML 4Page - Analog Devices AD760AQ Datasheet HTML 5Page - Analog Devices AD760AQ Datasheet HTML 6Page - Analog Devices AD760AQ Datasheet HTML 7Page - Analog Devices AD760AQ Datasheet HTML 8Page - Analog Devices AD760AQ Datasheet HTML 9Page - Analog Devices AD760AQ Datasheet HTML 10Page - Analog Devices AD760AQ Datasheet HTML 11Page - Analog Devices AD760AQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD760
REV. A
–11–
The HC11 generates the requisite 8 clock pulses with data valid
on the rising edges. After the most significant byte is transmit-
ted, the least significant byte (LSBY) is loaded from memory
and transmitted in a similar fashion. To complete the transfer,
the LDAC pin is driven high latching the complete 16-bit word
into the AD760.
INIT
LDAA
#$2F
;SS = 1; SCK = 0; MOSI = I
STAA
PORTD
;SEND TO SPI OUTPUTS
LDAA
#$38
;SS
, SCK,MOSI = OUTPUTS
STAA
DDRD
;SEND DATA DIRECTION INFO
LDAA
#$50
;DABL INTRPTS,SPI IS MASTER & ON
STAA
SPCR
;CPOL=0, CPHA=0,1MHZ BAUD RATE
NEXTPT LDAA
MSBY
;LOAD ACCUM W/UPPER 8 BITS
BSR
SENDAT ;JUMP TO DAC OUTPUT ROUTINE
JMP
NEXTPT ;INFINITE LOOP
SENDAT LDY
#$1000
;POINT AT ON-CHIP REGISTERS
BCLR
$08,Y,$20 ;DRIVE SS (LDAC) LOW
STAA
SPDR
;SEND MS-BYTE TO SPI DATA REG
WAIT1
LDAA
SPSR
;CHECK STATUE OF SPIE
BPL
WAIT1
;POLL FOR END OF X-MISSION
LDAA
LSBY
;GET LOW 8 BITS FROM MEMORY
STAA
SPDR
;SEND LS-BYTE TO SPI DATA REG
WAIT2
LDAA
SPSR
;CHECK STATUS OF SPIE
BPL
WAIT2
;POLL FOR END OF X-MISSION
BSET
$08,Y,$20 ;DRIV SS HIGH TO LATCH DATA
RTS
MOSI
68HC11
SS
SIN
LDAC
SER
AD760
SCK
CS
Figure 11. AD760 to 68HC11 (SPI) Interface
AD760 TO MICROWIRE INTERFACE
The flexible serial interface of the AD760 is also compatible
with the National Semiconductor MICROWIRE* interface.
The MICROWIRE* interface is used on microcontrollers such
as the COP400 and COP800 series of processors. A generic in-
terface to the MICROWIRE interface is shown in Figure 12.
The G1, SK, and SO pins of the MICROWIRE interface are re-
spectively connected to the LDAC, CS and SIN pins of the
AD760.
SIN
LDAC
SER
AD760
SO
SK
MICROWIRE
CS
G1
Figure 12. AD760 to MICROWIRE Interface
NOISE
In high resolution systems, noise is often the limiting factor. A
16-bit DAC with a 10 volt span has an LSB size of 153 µV
(–96 dB). Therefore, the noise must remain below this level in
*MICROWIRE is a registered trademark of National Semiconductor.
the frequency range of interest. The AD760’s noise spectral
density is shown in Figures 13 and 14. Figure 13 shows the
DAC output noise voltage spectral density for a 20 V span ex-
cluding the reference. This figure shows the l/f corner frequency
at 100 Hz and the wideband noise to be below 120 nV/ Hz.
Figure 14 shows the reference wideband noise to be below
125 nV/ Hz.
1000
1
1
1M
100
10
10
100k
10k
1k
100
10M
FREQUENCY – Hz
Figure 13. DAC Output Noise Voltage Spectral Density
1000
1
1
1M
100
10
10
100k
10k
1k
100
10M
FREQUENCY – Hz
Figure 14. Reference Noise Voltage Spectral Density
BOARD LAYOUT
Designing with high resolution data converters requires careful
attention to board layout. Trace impedance is the first issue. A
306 µA current through a 0.5 trace will develop a voltage
drop of 153 µV, which is 1 LSB at the 16-bit level for a 10 V
full-scale span. In addition to ground drops, inductive and ca-
pacitive coupling need to be considered, especially when high
accuracy analog signals share the same board with digital sig-
nals. Finally, power supplies need to be decoupled in order to
filter out ac noise.
Analog and digital signals should not share a common path.
Each signal should have an appropriate analog or digital return
routed close to it. Using this approach, signal loops enclose a
small area, minimizing the inductive coupling of noise. Wide PC
tracks, large gauge wire, and ground planes are highly recom-
mended to provide low impedance signal paths. Separate analog
and digital ground planes should also be used, with a single in-
terconnection point to minimize ground loops. Analog signals
should be routed as far as possible from digital signals and
should cross them at right angles.


Similar Part No. - AD760AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7605-4BSTZ AD-AD7605-4BSTZ Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7605-4BSTZ-RL AD-AD7605-4BSTZ-RL Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7606 AD-AD7606 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
More results

Similar Description - AD760AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD760 AD-AD760_15 Datasheet
327Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD660 AD-AD660_08 Datasheet
337Kb / 20P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. B
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com