Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC130A Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # 1.5SMC130A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

1.5SMC130A Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  1.5SMC130A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 1.5SMC130A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 1.5SMC130A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 1.5SMC130A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V)
VBR MIN.(V)
VBR MAX.(V) IT(mA)
VC(V)
IPP(A)
IR(µA)
1.5SMC6.8A 1.5SMC6.8CA 6V8A 6V8C
5.80
6.45
7.14
10
10.5
144.8
1000
1.5SMC7.5A 1.5SMC7.5CA 7V5A 7V5C
6.40
7.13
7.88
10
11.3
134.5
500
1.5SMC8.2A 1.5SMC8.2CA 8V2A 8V2C
7.02
7.79
8.61
10
12.1
125.6
200
1.5SMC9.1A 1.5SMC9.1CA 9V1A 9V1C
7.78
8.65
9.50
1
13.4
113.4
50
1.5SMC10A
1.5SMC10CA
10A 10C
8.55
9.50
10.50
1
14.5
104.8
10
1.5SMC11A
1.5SMC11CA
11A 11C
9.40
10.50
11.60
1
15.6
97.4
5
1.5SMC12A
1.5SMC12CA
12A 12C
10.20
11.40
12.60
1
16.7
91.0
5
1.5SMC13A
1.5SMC13CA
13A 13C
11.10
12.40
13.70
1
18.2
83.5
1
1.5SMC15A
1.5SMC15CA
15A 15C
12.80
14.30
15.80
1
21.2
71.7
1
1.5SMC16A
1.5SMC16CA
16A 16C
13.60
15.20
16.80
1
22.5
67.6
1
1.5SMC18A
1.5SMC18CA
18A 18C
15.30
17.10
18.90
1
25.2
60.3
1
1.5SMC20A
1.5SMC20CA
20A 20C
17.10
19.00
21.00
1
27.7
54.9
1
1.5SMC22A
1.5SMC22CA
22A 22C
18.80
20.90
23.10
1
30.6
49.7
1
1.5SMC24A
1.5SMC24CA
24A 24C
20.50
22.80
25.20
1
33.2
45.8
1
1.5SMC27A
1.5SMC27CA
27A 27C
23.10
25.70
28.40
1
37.5
40.5
1
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
6.60
7.11
0.260
0.280
D
5.59
6.22
0.220
0.245
D1
2.90
3.20
0.114
0.126
T
7.75
8.13
0.305
0.320
T1
0.76
1.52
0.030
0.060
d
-
0.203
-
0.008
s
2.06
2.62
0.079
0.103
t
0.152
0.305
0.006
0.012
t
s
T1
d
T
D1 D
L
Cathode Band
SMC/DO-214AB
Transient
1 5
Series
MERITEK
PACKAGE DIMENSIONS
SPECIFICATIONS
2
Rev 7


Similar Part No. - 1.5SMC130A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC130A CENTRAL-1.5SMC130A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
SUNMATE electronic Co.,...
1.5SMC130A SUNMATE-1.5SMC130A Datasheet
622Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1.5SMC130A MDE-1.5SMC130A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5SMC130A VISHAY-1.5SMC130A Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
1.5SMC130A VISHAY-1.5SMC130A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC130A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com