Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7707 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 5 Page - Analog Devices

  AD7707 Datasheet HTML 1Page - Analog Devices AD7707 Datasheet HTML 2Page - Analog Devices AD7707 Datasheet HTML 3Page - Analog Devices AD7707 Datasheet HTML 4Page - Analog Devices AD7707 Datasheet HTML 5Page - Analog Devices AD7707 Datasheet HTML 6Page - Analog Devices AD7707 Datasheet HTML 7Page - Analog Devices AD7707 Datasheet HTML 8Page - Analog Devices AD7707 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
REV. A
AD7707
–5–
TIMING CHARACTERISTICS
1, 2
Limit at
TMIN, TMAX
Parameter
(B Version)
Units
Conditions/Comments
fCLKIN
3, 4
400
kHz min
Master Clock Frequency: Crystal Oscillator or Externally Supplied for
5
MHz max
Specified Performance
tCLKIN LO
0.4
× t
CLKIN
ns min
Master Clock Input Low Time. tCLKIN = 1/fCLKIN
tCLKIN HI
0.4
× t
CLKIN
ns min
Master Clock Input High Time
t1
500
× t
CLKIN
ns nom
DRDY High Time
t2
100
ns min
RESET Pulsewidth
Read Operation
t3
0
ns min
DRDY to CS Setup Time
t4
120
ns min
CS Falling Edge to SCLK Rising Edge Setup Time
t5
5
0
ns min
SCLK Falling Edge to Data Valid Delay
80
ns max
DVDD = +5 V
100
ns max
DVDD = +3.0 V
t6
100
ns min
SCLK High Pulsewidth
t7
100
ns min
SCLK Low Pulsewidth
t8
0
ns min
CS Rising Edge to SCLK Rising Edge Hold Time
t9
6
10
ns min
Bus Relinquish Time after SCLK Rising Edge
60
ns max
DVDD = +5 V
100
ns max
DVDD = +3.0 V
t10
100
ns max
SCLK Falling Edge to DRDY High
7
Write Operation
t11
120
ns min
CS Falling Edge to SCLK Rising Edge Setup Time
t12
30
ns min
Data Valid to SCLK Rising Edge Setup Time
t13
20
ns min
Data Valid to SCLK Rising Edge Hold Time
t14
100
ns min
SCLK High Pulsewidth
t15
100
ns min
SCLK Low Pulsewidth
t16
0
ns min
CS Rising Edge to SCLK Rising Edge Hold Time
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of DV
DD) and timed from a voltage level of 1.6 V.
2See Figures 16 and 17.
3f
CLKIN Duty Cycle range is 45% to 55%. f CLKIN must be supplied whenever the AD7707 is not in Standby mode. If no clock is present in this case, the device can
draw higher current than specified and possibly become uncalibrated.
4The AD7707 is production tested with f
CLKIN at 2.4576 MHz (1 MHz for some IDD tests). It is guaranteed by characterization to operate at 400 kHz.
5These numbers are measured with the load circuit of Figure 1 and defined as the time required for the output to cross the V
OL or VOH limits.
6These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then
extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
7
DRDY returns high after the first read from the device after an output update. The same data can be read again, if required, while DRDY is high, although care
should be taken that subsequent reads do not occur close to the next output update.
TO OUTPUT
PIN
50pF
ISINK (800 A AT VDD = +5V
100 A AT VDD = +3V)
+1.6V
ISOURCE (200 A AT VDD = +5V
100 A AT VDD = +3V)
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
(AVDD = DVDD = +2.7 V TO +5.25 V, AGND = DGND = 0 V; fCLKIN = 2.4576 MHz; Input
Logic = 0, Logic 1 = DVDD unless otherwise noted.)


Similar Part No. - AD7707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7707BR AD-AD7707BR Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7707BR-REEL AD-AD7707BR-REEL Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7707BRU AD-AD7707BRU Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7707BRU-REEL7 AD-AD7707BRU-REEL7 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com