Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BNC-P-3-Ni-CF Datasheet(PDF) 8 Page - DDK Ltd.

Part # BNC-P-3-Ni-CF
Description  BNC style connector is one of the most popular 50 廓 coaxial connector.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-P-3-Ni-CF Datasheet(HTML) 8 Page - DDK Ltd.

Back Button BNC-P-3-Ni-CF Datasheet HTML 4Page - DDK Ltd. BNC-P-3-Ni-CF Datasheet HTML 5Page - DDK Ltd. BNC-P-3-Ni-CF Datasheet HTML 6Page - DDK Ltd. BNC-P-3-Ni-CF Datasheet HTML 7Page - DDK Ltd. BNC-P-3-Ni-CF Datasheet HTML 8Page - DDK Ltd. BNC-P-3-Ni-CF Datasheet HTML 9Page - DDK Ltd. BNC-P-3-Ni-CF Datasheet HTML 10Page - DDK Ltd. BNC-P-3-Ni-CF Datasheet HTML 11Page - DDK Ltd. BNC-P-3-Ni-CF Datasheet HTML 12Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
BNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Dust Cap
○Straight Bulkhead Cable Jack
Part Number
Finish
Note
Outer
Conductor
Center
Conductor
BNC-RBP1-CF
Ag
Ag
Independent
Waterproof
with Frange O-ring
BNC-RBP1-Ni-CF
Ni
Ag
Independent
Waterproof
with Frange O-ring
UG-604/U
バルクヘッドレセプタクル -3
UG-657/U
UG-1094/U
BNC-RBP1
BNC-RB
φ9.6
+0.1
0
26.3
13.7
1.0
Hex Dia.12.7
8.5
+0.1
0
φ9.6
+0.1
0
33
15.1
2.44
8.5
+0.1
0
φ9.92
+0.1
0
27
11.9
1.2
Hex Dia.12.7
 Hex Dia.12.7
 Hex Dia.12.7
 Hex Dia.12.7
8.5
+0.1
0
φ9.6
+0.1
0
32.6
15.2
2.5
2.3
17.4
33
8.5
+0.1
0
φ9.6
+0.1
0
UG-604/U
バルクヘッドレセプタクル -3
UG-657/U
UG-1094/U
BNC-RBP1
BNC-RB
φ9.6
+0.1
0
26.3
13.7
1.0
Hex Dia.12.7
8.5
+0.1
0
φ9.6
+0.1
0
33
15.1
2.44
8.5
+0.1
0
φ9.92
+0.1
0
27
11.9
1.2
Hex Dia.12.7
 Hex Dia.12.7
 Hex Dia.12.7
 Hex Dia.12.7
8.5
+0.1
0
φ9.6
+0.1
0
32.6
15.2
2.5
2.3
17.4
33
8.5
+0.1
0
φ9.6
+0.1
0
Part Number
Finish
Note
Outer
Conductor
Center
Conductor
BNC-RB-CF
Ag
Ag
with Frange O-ring
BNC-RB-Ni-CF
Ni
Ag
with Frange O-ring
Panel Thickness:2.2〜7.0
Panel Thickness:2.6〜6.4
8
BNC-CS-CF
2559-CF
適用コネクタ
 BNC形ジャック
(17.8)
(φ3.7)
Marking
 JCW-159/U-CF/DDK
BNC-JC-CF
2582-CF
(20.5)
表示
BNC-JC-CF/DDK
適合コネクタ:BNC形プラグ
(75)
(φ3.5)
Marking:DDK
BNC style mating side
60 5
Part Number
Finish
BNC-CS-CF
Ag
BNC-CS-Ni-CF
Ni
Part Number
Finish
BNC-JC-CF
Ag
BNC-JC-Ni-CF
Ni
Part Number
Finish
BNC-RC-3
Ni
BNC-RC-3-D1
Ag
Short Cap
Short Cap
Panel Mounting Dimensions
Panel Mounting Dimensions


Similar Part No. - BNC-P-3-Ni-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-P-3-Ni-CF DDK-BNC-P-3-Ni-CF Datasheet
435Kb / 15P
   BNC Style Connector
More results

Similar Description - BNC-P-3-Ni-CF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
   one of the most cost effective and popular surface mount crystals available.
29/06/11
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
   one of the most cost effective and popular surface mount crystals available
21-06-2012
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
DDK Ltd.
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
logo
AVX Corporation
06035A220FAT2A AVX-06035A220FAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic...
04023A470JAT4A AVX-04023A470JAT4A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
06033A8R2CAT2A AVX-06033A8R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
12062A470JAT2A AVX-12062A470JAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
08055A680GAT2A AVX-08055A680GAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
06035A471KAT2A AVX-06035A471KAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com