Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH06B151K Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # AH06B151K
Description  Ceramic Y Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AH06B151K Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  AH06B151K Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AH06B151K Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION AH06B151K Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AC Type-Class X1/Y2
Dimension (mm)
Part No
Temp
Char
Cap
Tol
D max
T max
F
Wire Dia
5
.
9
0
0
1
K
1
0
1
B
9
0
C
A
5
.
9
0
5
1
K
1
5
1
B
9
0
C
A
5
.
9
0
2
2
K
1
2
2
B
9
0
C
A
5
.
9
0
3
3
K
1
3
3
B
9
0
C
A
5
.
9
0
7
4
K
1
7
4
B
9
0
C
A
5
.
0
1
0
6
5
K
1
6
5
B
0
1
C
A
5
.
0
1
0
8
6
K
1
8
6
B
0
1
C
A
7.5
0.65mm
AC10B102K
B
(Y5P)
1000
±10%
10.5
6.0
7.5,10.0
5
.
9
0
0
0
1
M
2
0
1
F
9
0
C
A
AC09F152M
1500
9.5
7.5
AC10F222M
2200
10.5
AC10F332M
3300
10.5
AC13F392M
3900
13.5
7.5
10.0
AC13F472M
E
(Y5V)
4700
±20%
13.5
6.0
10.0
0.65mm
Lead Code
: Please consult part number explanation
for detailed lead space and lead length information
.
AH/AC Series
0
.
9
0
0
1
K
1
0
1
B
8
0
C
A
0
.
9
0
5
1
K
1
5
1
B
8
0
C
A
0
.
9
0
2
2
K
1
2
2
B
8
0
C
A
0
.
9
0
3
3
K
1
3
3
B
8
0
C
A
0
.
9
0
7
4
K
1
7
4
B
8
0
C
A
7.5
0.62mm
B
(Y5P)
±10%
5.0
0
.
9
0
6
5
K
1
6
5
B
8
0
C
A
MERITEK
Ceramic Y Capacitors


Similar Part No. - AH06B151K

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AH06 XPPOWER-AH06 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - AH06B151K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0ALC BALLUFF-BCC0ALC Datasheet
115Kb / 2P
   Y-Splitters
0.74_2022-07-15
BCC0EW3 BALLUFF-BCC0EW3 Datasheet
112Kb / 2P
   Y-Splitters
0.86_2022-07-11
BCC0F82 BALLUFF-BCC0F82 Datasheet
127Kb / 3P
   Y-Splitters
0.81_2022-07-15
BCC0ALW BALLUFF-BCC0ALW Datasheet
114Kb / 2P
   Y-Splitters
0.67_2022-08-08
BCC0HL3 BALLUFF-BCC0HL3 Datasheet
127Kb / 3P
   Y-Splitters
0.89_2022-07-15
BCC0AWJ BALLUFF-BCC0AWJ Datasheet
102Kb / 2P
   Y-Splitters
0.8_2022-08-08
BCC0AFL BALLUFF-BCC0AFL Datasheet
109Kb / 2P
   Y-Splitters
0.93_2022-07-16
BCC0AM0 BALLUFF-BCC0AM0 Datasheet
112Kb / 2P
   Y-Splitters
0.84_2022-07-16
BCC0AM7 BALLUFF-BCC0AM7 Datasheet
113Kb / 2P
   Y-Splitters
0.86_2022-07-16
BCC0AUF BALLUFF-BCC0AUF Datasheet
116Kb / 2P
   Y-Splitters
0.68_2022-07-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com