Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLTS6342PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLTS6342PBF
Description  Industry-Standard TSOP-6 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLTS6342PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLTS6342PBF Datasheet HTML 1Page - International Rectifier IRLTS6342PBF Datasheet HTML 2Page - International Rectifier IRLTS6342PBF Datasheet HTML 3Page - International Rectifier IRLTS6342PBF Datasheet HTML 4Page - International Rectifier IRLTS6342PBF Datasheet HTML 5Page - International Rectifier IRLTS6342PBF Datasheet HTML 6Page - International Rectifier IRLTS6342PBF Datasheet HTML 7Page - International Rectifier IRLTS6342PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9/27/11
IRLTS6342PbF
HEXFET® Power MOSFET
Notes
 through „ are on page 2
Features and Benefits
www.irf.com
1
Applications
System/Load Switch
PD - 97730
TSOP-6
Features
Resulting Benefits
Industry-Standard TSOP-6 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Consumer Qualification
Increased Reliability
Note
Form
Quantity
IRLTS6342TRPBF
TSOP-6
Tape and Reel
3000
Orderable part number
Package Type
Standard Pack
G
D
D
S
D
D
3
1
2
4
6
5
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
e
PD @TA = 70°C
Power Dissipation
e
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
2.0
0.02
1.3
Max.
8.3
6.7
64
±12
30
V
A
W
°C
VDS
30
V
VGS
±12
V
RDS(on) max
(@VGS = 4.5V)
17.5
m
Ω
RDS(on) max
(@VGS = 2.5V)
22.0
m
Ω
Qg (typical)
11
nC
ID
(@TA = 25°C)
8.3
A


Similar Part No. - IRLTS6342PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342PBF IRF-IRLTS6342PBF Datasheet
258Kb / 8P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
IRLTS6342PBF IRF-IRLTS6342PBF_15 Datasheet
258Kb / 8P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
More results

Similar Description - IRLTS6342PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS2242PBF IRF-IRLTS2242PBF Datasheet
232Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRLTS2242PBF IRF-IRLTS2242PBF_15 Datasheet
549Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF_15 Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF_15 Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRF5801PBF-1 IRF-IRF5801PBF-1 Datasheet
203Kb / 8P
   Industry-standard pinout TSOP-6 Package
logo
KEC(Korea Electronics)
KMA2D8P20X KEC-KMA2D8P20X Datasheet
376Kb / 1P
   TSOP-6 PACKAGE
KMA2D7DP20X KEC-KMA2D7DP20X Datasheet
376Kb / 1P
   TSOP-6 PACKAGE
KMA6D0P20X KEC-KMA6D0P20X Datasheet
15Kb / 1P
   TSOP-6 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com