Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMPP105K400VAC Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # AMPP105K400VAC
Description  Metallized Polypropylene Film Capacitors - AC use
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AMPP105K400VAC Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  AMPP105K400VAC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
Rated Voltage
250VAC
400VAC
D I M
CAP(
μF)
W
H
T
P± 1.5
W
H
T
P± 1.5
0.01
12.5
11.0
7.0
10.0
0.6
15.5
11.5
6.0
11.0
0.6
0.012
13.0
10.5
6.0
8.5
0.6
15.5
12.0
6.5
11.0
0.6
0.015
12.5
11.0
6.5
8.5
0.6
15.5
12.5
7.0
11.0
0.6
0.018
12.5
11.0
7.0
8.5
0.6
15.5
13.0
7.5
11.0
0.6
0.022
12.5
12.0
8.0
8.5
0.6
15.5
13.5
8.0
11.0
0.6
0.027
15.5
12.0
6.5
11.0
0.6
20.0
13.0
7.5
15.0
0.6
0.033
15.5
12.5
6.5
11.0
0.6
20.0
13.5
7.5
15.0
0.6
0.039
15.5
13.0
7.5
11.0
0.6
20.0
14.0
8.0
15.0
0.6
0.047
15.5
13.5
8.0
11.0
0.6
20.0
15.5
9.5
15.0
0.6
0.056
15.5
14.5
8.5
11.0
0.6
20.0
17.0
9.5
15.0
0.8
0.068
20.0
14.0
7.0
15.0
0.8
26.0
16.0
8.0
21.0
0.8
0.082
20.0
15.5
8.0
15.0
0.6
26.0
17.0
9.5
21.0
0.8
0.10
20.0
16.0
8.5
15.0
0.6
26.0
17.5
10.0
21.0
0.8
0.12
20.0
17.0
9.5
15.0
0.6
26.0
18.5
11.0
21.0
0.8
0.15
20.0
17.5
10.0
15.0
0.6
26.0
19.0
12.0
21.0
0.8
0.18
26.0
17.5
8.5
21.0
0.8
26.0
20.0
12.5
21.0
0.8
0.22
26.0
18.0
9.5
21.0
0.8
31.0
21.5
11.0
26.0
0.8
0.27
26.0
19.0
10.0
21.0
0.8
31.0
23.0
12.5
26.0
0.8
0.33
26.0
20.0
11.0
21.0
0.8
31.0
24.0
13.5
26.0
0.8
0.39
31.0
19.5
10.5
26.0
0.8
36.0
24.5
13.5
31.0
0.8
0.47
31.0
21.0
11.0
26.0
0.8
36.0
24.5
14.0
31.0
0.8
0.56
31.0
22.0
12.0
26.0
0.8
0.68
31.0
23.5
13.0
26.0
0.8
0.82
36.0
24.0
13.5
31.0
0.8
1.0
36.0
24.5
13.5
31.0
0.8
MERITEK
Metallized Polypropylene
Film Capacitors - AC use
AMPP Series
(Radial Dipped)
FEATURES
Very low loss, excellent frequency and temperature
characteristics, high insulation resistance
High reliability due to self-healing properties
Non-inductive construction
Flame retardant epoxy resin coating
(In compliance with UL 94V-0)
SPECIFICATIONS
1. Operating temperature:
-40
oC to +105oC
2.
Capacitance range:
0.01
μF to 1.0μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
250VAC, 400VAC
5.
Dissipation factor:
0.1% max. at 1KHz, 25
oC
6.
Insulation resistance:
C R
≤ 33μF, ≥50000MΩ
C R > 0.33
μF, ≥16000 s
PART NUMBERING SYSTEM
AMPP
223
K 400VAC
Meritek Series
Capacitance
CODE
103
104
105
( pF )
10,000
100,000
( nF )
10
100
1000
(
μF )
0.01
0.1
1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
250VAC
400VAC
AMPP are constructed with metallized
polypropylene film dielectric, tinned copper leads,
and flame retardant epoxy resin coating. They are
suitable for use in AC circuits wherein low loss and
small inherent temperature rise are important, e.g.
across-the-line.
*Voltage derated at operating temperature >85
oC
Specifications are subject to change without notice.
rev.6a


Similar Part No. - AMPP105K400VAC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AMP UTC-AMP Datasheet
166Kb / 6P
   2.5W DUAL AUDIO POWER AMP
logo
Mini-Circuits
AMP-15 MINI-AMP-15 Datasheet
189Kb / 2P
   Low Noise Amplifier
logo
Adlink Technology Inc.
AMP-204C ADLINK-AMP-204C Datasheet
437Kb / 3P
   DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
AMP-208C ADLINK-AMP-208C Datasheet
437Kb / 3P
   DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
logo
Mini-Circuits
AMP-25G MINI-AMP-25G Datasheet
71Kb / 1P
   Plug-In Amplifier
More results

Similar Description - AMPP105K400VAC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
AMPE MERITEK-AMPE Datasheet
112Kb / 1P
   Metallized Polyester Film Capacitors - AC use
logo
Vishay Siliconix
MKP1844 VISHAY-MKP1844 Datasheet
95Kb / 1P
   AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
Revision: 05-Jul-05
MKP1844 VISHAY-MKP1844_05 Datasheet
124Kb / 2P
   AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
Revision: 05-Jul-05
MKP1842 VISHAY-MKP1842 Datasheet
118Kb / 2P
   AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
Revision: 05-Jul-05
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com