Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10CG223J201AR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # AD10CG223J201AR
Description  Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AD10CG223J201AR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  AD10CG223J201AR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AD10CG223J201AR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Rev. 7
 
Axial Leaded, Epoxy Coated,
Multilayer Ceramic Capacitors
AD Series
 
Feature
Miniature size, wide capacitance, tape and reel
available for auto-placement.
Coating by epoxy resin, creates the excellent
humidity resistance and prevents body from
damaging during soldering and washing.
Industry standard sizes and various lead spacing
available.
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Dimension
 
 
 
 
 
 
 
 
 
 
 
 
 
 
   PART NUMBERING SYSTEM 
 
AD
10
CG
104
Z
500  AR 
 
Meritek Series
 
  
 
 
Size 10 (.15”) / 20 (.2”) 
  
 
Dielectric  
CODE 
CG 
XR 
YV
 
NPO 
X7R 
Y5V
 
  
 
Capacitance Code 
CODE 
101 
104 
223
(pF) 
100 
100000 
22000
(F) 
‐‐‐ 
0.1 
0.022 
 
  
 
Tolerance  
CODE 
Z
 
±5% 
±10%
±20% 
+80% to –20%
 
  
 
Rated Voltage 
CODE 
500 
101 
201 
 
50V 
100V 
200V 
 
  
 
Packaging 
CODE 
AR 
BR
 
Axial Tape & Reel 
Axial Tape & Box
 
  
 


Similar Part No. - AD10CG223J201AR

ManufacturerPart #DatasheetDescription
logo
RFE international
AD10CG102C101A RFE-AD10CG102C101A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
AD10CG102C251A RFE-AD10CG102C251A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
AD10CG102C500A RFE-AD10CG102C500A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
AD10CG102K101A RFE-AD10CG102K101A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
AD10CG102K251A RFE-AD10CG102K251A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
More results

Similar Description - AD10CG223J201AR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 04-Mar-14
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-46 VISHAY-IRF-46 Datasheet
122Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision: 10-Aug-06
IRF-24 VISHAY-IRF-24_V01 Datasheet
54Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_17 Datasheet
69Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 16-Mar-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com