Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM0204T105GT Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CFM0204T105GT
Description  Carbon Film MELF Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CFM0204T105GT Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CFM0204T105GT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CFM0204T105GT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE
UL-94; V-0
600V
10
Ω~2.2MΩ
400V
300V
REV 6-A


Similar Part No. - CFM0204T105GT

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM05 CINCON-CFM05 Datasheet
237Kb / 2P
   5 WATT OPEN FRAME AC-DC MODULES
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
   Single Output AC/DC Converter
logo
CINCON ELECTRONICS Corp...
CFM05S033 CINCON-CFM05S033 Datasheet
237Kb / 2P
   5 WATT OPEN FRAME AC-DC MODULES
logo
Make-Ps
CFM05S033-M MAKE-PS-CFM05S033-M Datasheet
391Kb / 2P
   Single Output AC/DC Converter
logo
CINCON ELECTRONICS Corp...
CFM05S050 CINCON-CFM05S050 Datasheet
237Kb / 2P
   5 WATT OPEN FRAME AC-DC MODULES
More results

Similar Description - CFM0204T105GT

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
   Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
   fixed carbon film melf resistor
RD41 KOA-RD41 Datasheet
358Kb / 2P
   fixed carbon film melf resistor
logo
Token Electronics Indus...
RDM74P1RGT TOKEN-RDM74P1RGT Datasheet
291Kb / 3P
   RDM Carbon Film Melf Resistors
logo
List of Unclassifed Man...
0207 ETC2-0207 Datasheet
627Kb / 1P
   Carbon Film Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
   Carbon Film Resistor
3/3/2022
logo
UNIOHM CORPORATION
MM-16 UNIOHM-MM-16 Datasheet
895Kb / 3P
   Metal Film MELF Resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
   Metal Film Melf Resistor
8/10/2022
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
   Metal Film MELF Resistor
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
   power carbon film leaded resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com