Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7750AN Datasheet(PDF) 7 Page - Analog Devices

Part # AD7750AN
Description  Product-to-Frequency Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7750AN Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7750AN Datasheet HTML 3Page - Analog Devices AD7750AN Datasheet HTML 4Page - Analog Devices AD7750AN Datasheet HTML 5Page - Analog Devices AD7750AN Datasheet HTML 6Page - Analog Devices AD7750AN Datasheet HTML 7Page - Analog Devices AD7750AN Datasheet HTML 8Page - Analog Devices AD7750AN Datasheet HTML 9Page - Analog Devices AD7750AN Datasheet HTML 10Page - Analog Devices AD7750AN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7750
–7–
REV. 0
ANALOG INPUTS
The analog inputs of the AD7750 are high impedance bipolar
voltage inputs. The four voltage inputs make up two truly
differential voltage input channels called V1 and V2. As with
any ADC, an antialiasing filter or low-pass filter is required on
the analog input. The AD7750 is designed with a unique
switched capacitor architecture that allows a bipolar analog
input with a single 5 V power supply. The four analog inputs
(V1+, V1–, V2+, V2–) each have a voltage range from –1.0 V to
+1.0 V. This is an absolute voltage range and is relative to the
ground (AGND) pin. This ground is nominally at a potential of
0 V relative to the board level ground. Figure 8 shows a very
simplified diagram of the analog input structure. When the ana-
log input voltage is sampled, the switch is closed and a very
small sampling capacitor is charged up to the input voltage. The
resistor in the diagram can be thought of as a lumped compo-
nent made up of the on resistance of various switches.
VIN
R
1.4k
C
2pF
SAMPLING
CAPACITOR
Figure 8. Equivalent Analog Input Circuit
Analog Inputs Protection Circuitry
The analog input section also has protection circuitry. Since the
power supply rails are 0 V to 5 V, the analog inputs can no
longer be clamped to the supply rails by diodes. Thus, the inter-
nal protection circuitry monitors the current paths during a fault
condition and protects the device from continuous overvoltage,
continuous undervoltage and ESD events. The maximum over-
voltage the AD7750 analog inputs can withstand without caus-
ing irreversible damage is
±6 V relative to AGND pin.
In the case of continuous overvoltage and undervoltage the
series resistance of the antialiasing filter can be used to limit
input current. The total input current in the case of a fault
should be limited to 10 mA.
For normal operation of the AD7750 there are two further re-
strictions on the signal levels presented to the analog inputs.
1. The voltage on any input relative to the AGND pin must not
exceed
±1 V.
2. The differential voltage presented to the ADC (Analog
Modulator) must not exceed
±2 V.
In Figure 12, Channel 1 has a peak voltage on V1+ and V1– of
±1 V. These signals are not gained (G1 = 0) and so the
differential signal presented to the modulator is
±2 V.
However, Channel 2 has an associated gain of two and so
care must be taken to ensure the modulator input does not
exceed
±2 V. Therefore, the maximum signal voltage that
can appear on V2+ and V2– is
±0.5 V.
The difference between single-ended and complementary
differential input schemes is shown in the diagram below,
Figure 9. For a single-ended input scheme the V– input is
held at the same potential as the AGND Pin. The maxi-
mum voltages can then be applied to the V+ input are
shown in Figures 10 and 11. An example of this input
scheme uses a shunt resistor to convert the line current to a
voltage that is then applied to the V1+ input of the AD7750.
An example of the complementary differential input scheme
uses a current transformer to convert the line current to a
voltage that is then applied to V1+ and V1–. With this
scheme the voltage on the V+ input is always equal to, but
of opposite polarity to the voltage on V–. The maximum
voltage that can be applied to the inputs of the AD7750
using this scheme is shown in Figures 12 and 13.
Note that the common mode of the analog inputs must
be driven. The output terminals of the CT are, therefore,
referenced to ground.
A CURRENT TRANSFORMER
PROVIDES COMPLEMENTARY
DIFFERENTIAL INPUTS TO THE
AD7750
A CURRENT SENSE RESISTOR
PROVIDES A SINGLE-ENDED
INPUT TO THE AD7750
V+
V–
V–
V+
SHUNT
RESISTOR
Figure 9. Examples of Complementary and Single-
Ended Input Schemes


Similar Part No. - AD7750AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
AD7751 AD-AD7751 Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
AD7751AAN AD-AD7751AAN Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
AD7751AAN-REF AD-AD7751AAN-REF Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
AD7751AARS AD-AD7751AARS Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
More results

Similar Description - AD7750AN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
RC4151 FAIRCHILD-RC4151 Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
LM2907-N TI1-LM2907-N_15 Datasheet
2Mb / 31P
[Old version datasheet]   Frequency to Voltage Converter
logo
Analog Devices
AD537S AD-AD537S Datasheet
87Kb / 6P
   Voltage to Frequency Converter
logo
Texas Instruments
TSL235 TI-TSL235 Datasheet
80Kb / 6P
[Old version datasheet]   LIGHT-TO-FREQUENCY CONVERTER
logo
Cynergy3 Co
SC-FREQCON CYNERGY3-SC-FREQCON Datasheet
163Kb / 1P
   Frequency To Analogue Converter
logo
Burr-Brown (TI)
VFC110 BURR-BROWN-VFC110 Datasheet
98Kb / 8P
   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
National Semiconductor ...
LM2917N-14 NSC-LM2917N-14 Datasheet
326Kb / 18P
   Frequency to Voltage Converter
logo
TEXAS ADVANCED OPTOELEC...
TSL235R TAOS-TSL235R Datasheet
153Kb / 10P
   LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com