Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMPP105K2E Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # EMPP105K2E
Description  Metallized Polypropylene Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

EMPP105K2E Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  EMPP105K2E Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.5
T
d
H
0.5
W
0.5
P 0.5
Dimensions in millimeters (mm)
Rated Voltage
CASE
CAP (μF)
250VDC
400VDC
630VDC
DIM.
CASE
W
T
H
P
0.010
C1
C1
C2
C1
13.0
4.0
9.0
10.0
0.6
0.015
C1
C1
C3
C2
13.0
5.0
11.0
10.0
0.6
0.022
C1
C2
D1
C3
13.0
6.0
12.0
10.0
0.6
0.033
C1
C2
D2
D1
18.0
5.0
11.0
15.0
0.6
0.047
C1
C3
D3
D2
18.0
6.0
12.0
15.0
0.8
0.068
C2
D2
D4
D3
18.0
7.5
13.5
15.0
0.8
0.1
C3
D3
E2
D4
18.0
8.5
14.5
15.0
0.8
0.15
D2
D4
E3
E1
26.5
6.0
15.0
22.5
0.8
0.22
D2
E2
F1
E2
26.5
7.0
16.5
22.5
0.8
0.33
D3
E3
F2
E3
26.5
8.5
17.0
22.5
0.8
0.47
E2
E4
F3
E4
26.5
10.0
19.0
22.5
0.8
0.68
E2
F1
F1
32.0
11.0
20.0
27.5
0.8
1.0
E4
F2
F2
32.0
13.0
22.0
27.5
0.8
1.5
F1
F3
F3
32.0
15.0
30.0
27.5
0.8
2.2
F2
Custom sizes and lead spacing available upon request
Custom values and tolerances available upon request
MERITEK
Metallized Polypropylene
Film Capacitors
EMPP Series
(Box type)
FEATURES
Non-inductive construction
Self-healing properties
Flame retardant plastic case and epoxy resin
(In compliance with UL94V-0)
High moisture resistance
Good solderability
SPECIFICATIONS
1. Operating temperature:
-40
oC to +105oC
2.
Capacitance range:
0.01
μF to 2.2μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
250VDC, 400VDC, 630VDC
5.
Dissipation factor:
0.1% max. (1KHz)
6.
Insulation resistance:
Ω
0.33
μF>30,000M
μ
oC
25
<
Ω
0.33
μF<10,000 F M
oC
25
>
PART NUMBERING SYSTEM
EMPP
104
J
2E
Meritek Series
Capacitance
CODE
103
104
105
106
( pF )
10,000
100,000
( nF )
10
100
1000
( μF )
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
2E
2G
2J
250V
400V
630V
Tape & Reel / Tape & Ammo available for lead space <10 mm
Please contact factory for part number
EMPP are constructed with metallized
polypropylene film dielectric, tinned copper leads,
plastic casing, and epoxy resin for sealing. They are
designed for critical applications wherein reliable
operation at high current induced levels is required.
EMPP have a high dv/dt ratio while exhibiting low
loss, high capacitance stability and long life
.
*Voltage derated at operating temperature >85
oC
Specifications are subject to change without notice.
rev.6a


Similar Part No. - EMPP105K2E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EMPPC602-FX-0XX NXP-EMPPC602-FX-0XX Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results

Similar Description - EMPP105K2E

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com