Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HQ0603CG4R7B500 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # HQ0603CG4R7B500
Description  Mutilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HQ0603CG4R7B500 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  HQ0603CG4R7B500 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HQ0603CG4R7B500 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MERITEK
Mutilayer Ceramic Capacitors
HQ Series
(High Q)
FEATURES
Surface mount device with high reliability
Hi-Q and low ESR at high frequencies
Low capacitance with tight tolerance
Excellent temperature characteristics
PART NUMBER SYSTEM
HQ
0603
CG
4R7
B
500
Meritek Series
Size
Dielectric
CODE
CG
COG (NPO)
Capacitance
Expressed in picofarads. First 2 digits are significant digits. Third digit denotes number
of zeros to follow. Use R for decimal point for values less than 10pF.
CODE
8R2
101
pF
8.2
100
Tolerance
CODE
B
C
D
G
J
±.10pF
±.25pF
±.50pF
±2%
±5%
For values less than 10 pF use C or D
Rated Voltage
2 significant digits + number of zeros.
CODE
250
500
25V
50V
Dimensions
T
W
L
M
B
M
B
Fig. 1 The outline of MLCC
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
MB (mm)
0402 (1005)
1.00±0.05
0.50±0.05
0.50±0.05
N
0.25
+0.05/-0.10
0603 (1608)
1.60±0.10
0.80±0.10
0.80±0.07
S
0.40±0.15
Specifications are subject to change without notice.
rev.6a


Similar Description - HQ0603CG4R7B500

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
logo
RFE international
HMZ-433A RFE-HMZ-433A Datasheet
585Kb / 2P
   CERAMIC CAPACITORS
logo
Cornell Dubilier Electr...
SM151K CDE-SM151K Datasheet
201Kb / 2P
   Ceramic Capacitors
logo
Murata Manufacturing Co...
RDER71H104K0K1H03B MURATA-RDER71H104K0K1H03B Datasheet
628Kb / 4P
    Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com