Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7821TQ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7821TQ
Description  LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821TQ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7821TQ Datasheet HTML 2Page - Analog Devices AD7821TQ Datasheet HTML 3Page - Analog Devices AD7821TQ Datasheet HTML 4Page - Analog Devices AD7821TQ Datasheet HTML 5Page - Analog Devices AD7821TQ Datasheet HTML 6Page - Analog Devices AD7821TQ Datasheet HTML 7Page - Analog Devices AD7821TQ Datasheet HTML 8Page - Analog Devices AD7821TQ Datasheet HTML 9Page - Analog Devices AD7821TQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7821
REV. A
–6–
PIN FUNCTION DESCRIPTION
Pin
Mnemonic Description
1VIN
Analog Input: Range VREF(–)
≤ V
IN
VREF(+)
2
DB0
Three-State Data Output (LSB).
3–5
DB1–DB3
Three-State Data Outputs.
6
WR
/RDY
WRITE control input/READY status
output. See Digital Interface section.
7
MODE
Mode Selection Input. It determines
whether the device operates in the
WR-RD or RD mode. This input is in-
ternally pulled low through a 50
µA
current source. See Digital Interface
section.
8
RD
READ Input. RD must be low to access
data from the part. See Digital Interface
section.
9
INT
INTERRUPT Output. INT going low
indicates that the conversion is complete.
INT
returns high on the rising edge of
CS
or RD. See Digital Interface section.
10
GND
Ground.
11
VREF(–)
Lower limit of reference span.
Range: VSS
≤ V
REF(–)
≤ V
REF(+).
12
VREF(+)
Upper limit of reference span.
Range: VREF(–) < VREF(+)
≤ V
DD.
13
CS
Chip Select Input. The device is selected
when this input is low.
14–16
DB4–DB6
Three-State Data Outputs.
17
DB7
Three-State Data Output (MSB).
18
OFL
Overflow Output. If the analog input is
higher than (VREF(+) – 1/2 LSB), OFL
will be low at the end of conversion. It is
a non-three-state output which can be
used to cascade 2 or more devices to
increase resolution.
19
VSS
Negative supply voltage.
VSS = 0 V; Unipolar Operation.
VSS = –5 V; Bipolar Operation.
20
VDD
Positive supply voltage, +5 V.
CIRCUIT INFORMATION
BASIC DESCRIPTION
The AD7821 uses a half flash conversion technique (see Func-
tional Block Diagram), whereby two 4-bit flash ADCs are used
to achieve an 8-bit result. Each 4-bit flash ADC contains 15
comparators, which compare an unknown input voltage to the
reference ladder, to achieve a 4-bit result. The MS (most signifi-
cant) flash ADC converts an unknown analog input voltage
(VIN) to provide the 4 MS data bits. An internal DAC, driven by
the 4 MS data bits, then recreates an analog approximation of
the input voltage. The DAC output voltage is subtracted from
the analog input, and the difference is converted by the LS
(least significant) ADC to provide the 4 LS data bits. The MS
flash ADC also has one additional comparator to detect over-
range on the analog input.
OPERATING SEQUENCE
The AD7821 has two operating modes. The RD mode allows a
conversion to be started and data to be read with a single, ex-
tended, READ operation (i.e., CS and RD are taken low). The
conversion process is timed out by internal one-shots. The WR-
RD mode uses WR to start a conversion and RD to read the
data and allows the conversion timing to be externally con-
trolled. The operating sequence for the WR-RD mode is shown
in Figure 3.
Figure 3. Operating Sequence (WR-RD Mode)
A conversion is initiated and the analog input signal (VIN)
sampled on the falling edge of WR (falling edge of RD, RD
mode). A setup time (tP, delay time between conversions) of
350 ns is required prior to this falling edge. See Digital Interface
section for more details. When WR is low, the internal MS
(most significant) ADC compares the sampled analog input with
the reference ladder to provide the 4 MS data bits. A minimum
of 250 ns is required for this comparison. On the rising edge of
WR
, the MS data result is latched internally and the LS (least
significant) conversion begins, to yield the 4 LS data bits. INT
goes low typically 380 ns after the rising edge of WR. This indi-
cates the LS conversion is complete and that both the LS and
MS data results are latched into the output buffer. RD going
low then enables the output data. If a faster conversion time is
required, the RD line can be brought low 250 ns after WR goes
high. This latches both the LS and MS data bits and outputs the
conversion result on DB0–DB7.
REFERENCE AND INPUT
The VREF(–) and VREF(+) reference inputs on the AD7821 are
fully differential and define the zero and full-scale input range of
the ADC. The transfer characteristic of the part is defined by
the integer value of the following expression:
Data (LSBs )
= 256
V
IN − V REF ( − )
V
REF ( + ) − V REF ( − )


+ 0.5
As a result, the analog input (VIN) Of the device can easily be set
up to provide both unipolar and bipolar operation. The data
output code for unipolar and bipolar operation is Natural Binary
and Offset Binary, respectively.
The span of the analog input voltage can easily be varied.
By reducing the reference span, VREF(+) – VREF(–), to less than
5 V the sensitivity of the converter can be increased (i.e., if
VREF = 2 V then 1 LSB = 7.8 mV). The reference flexibility also
allows the input span for unipolar operation to be offset from
zero (VREF(–) > GND). Additionally, the input/reference ar-
rangement facilitates ratiometric operation.
Figures 4 and 5 show some configurations which are possible.
For minimum noise a 47
µF capacitor in parallel with a 0.1 µF
capacitor should be connected between the reference inputs and
GND.


Similar Part No. - AD7821TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7821TQ AD-AD7821TQ Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
More results

Similar Description - AD7821TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Analog Devices
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
   LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
   LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com