Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7835 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7835
Description  LC2MOS Quad 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7835 Datasheet(HTML) 5 Page - Analog Devices

  AD7835 Datasheet HTML 1Page - Analog Devices AD7835 Datasheet HTML 2Page - Analog Devices AD7835 Datasheet HTML 3Page - Analog Devices AD7835 Datasheet HTML 4Page - Analog Devices AD7835 Datasheet HTML 5Page - Analog Devices AD7835 Datasheet HTML 6Page - Analog Devices AD7835 Datasheet HTML 7Page - Analog Devices AD7835 Datasheet HTML 8Page - Analog Devices AD7835 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7834/AD7835
REV. A
–5–
AD7834 PIN DESCRIPTION
Pin Mnemonic
Description
VCC
Logic Power Supply; +5 V
± 5%.
VSS
Negative Analog Power Supply; –15 V
± 5%.
VDD
Positive Analog Power Supply; +15 V
± 5%.
DGND
Digital Ground.
AGND
Analog Ground.
VREF(+)
Positive Reference Input. The positive reference voltage is referred to AGND.
VREF(–)
Negative Reference Input. The negative reference voltage is referred to AGND.
VOUT1.. . VOUT4
DAC Outputs.
DSG
Device Sense Ground Input. Used in conjunction with the CLR input for power-on protection of the DACs.
When CLR is low, the DAC outputs are forced to the potential on the DSG pin.
DIN
Serial Data Input.
SCLK
Clock input for writing data to the device.
FSYNC
Frame Sync Input. Active low logic input used, in conjunction with DIN and SCLK, to write data to the device
with serial data expected after the falling edge of this signal. The contents of the 24-bit serial-to-parallel input
register are transferred on the rising edge of this signal.
PA0 . . . PA4
Package Address Inputs. These inputs are hardwired high (VCC) or low (DGND) to assign dedicated package
addresses in a multipackage environment.
PAEN
Package Address Enable Input. When low, this input allows normal operation of the device. When it is high, the
device ignores the package address (but not the channel address) in the serial data stream and loads the serial
data into the input registers. This feature is useful in a multipackage application where it can be used to load the
same data into the same channel in each package.
LDAC
Load DAC Input (level sensitive). This input signal in conjunction with the FSYNC input signal, determines
how the analog outputs are updated. If LDAC is maintained high while new data is being loaded into the
device’s input registers, no change occurs on the analog outputs. Subsequently, when LDAC is brought low, the
contents of all four input registers are transferred into their respective DAC latches, updating the analog outputs.
Alternatively, if LDAC is kept low while new data is shifted into the device, then the addressed DAC latch (and
corresponding analog output) is updated immediately on the rising edge of FSYNC.
CLR
Asynchronous Clear Input (level sensitive, active low). When this input is brought low, all analog outputs are
switched to the externally set potential on the DSG pin. When CLR is brought high, the signal outputs remain at
the DSG potential until LDAC is brought low. When LDAC is brought low, the analog outputs are switched
back to reflect their individual DAC output levels. As long as CLR remains low, the LDAC signals are ignored
and the signal outputs remain switched to the potential on the DSG pin.
PIN CONFIGURATION
DIP AND SOIC
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
28
27
26
25
24
23
22
21
TOP VIEW
(Not to Scale)
NC = NO CONNECT
VSS
NC
NC
NC
AGND
DSG
VREF(–)
VREF(+)
VOUT1
VDD
NC
NC
VOUT2
VOUT4
DGND
VCC
SCLK
LDAC
CLR
VOUT3
DIN
PA0
PA1
PA2
FSYNC
PA3
PA4
PAEN
AD7834


Similar Part No. - AD7835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
More results

Similar Description - AD7835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7225 AD-AD7225 Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com