Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7816AR-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7816AR-REEL7
Description  Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7816AR-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7816AR-REEL7 Datasheet HTML 6Page - Analog Devices AD7816AR-REEL7 Datasheet HTML 7Page - Analog Devices AD7816AR-REEL7 Datasheet HTML 8Page - Analog Devices AD7816AR-REEL7 Datasheet HTML 9Page - Analog Devices AD7816AR-REEL7 Datasheet HTML 10Page - Analog Devices AD7816AR-REEL7 Datasheet HTML 11Page - Analog Devices AD7816AR-REEL7 Datasheet HTML 12Page - Analog Devices AD7816AR-REEL7 Datasheet HTML 13Page - Analog Devices AD7816AR-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. C
–10–
AD7816/AD7817/AD7818
The AD7816, AD7817, and AD7818 are tested using the CCIF
standard where two input frequencies near the top end of the
input bandwidth are used. In this case, the second and third
order terms are of different significance. The second order terms
are usually distanced in frequency from the original sine waves
while the third order terms are usually at a frequency close to
the input frequencies. As a result, the second and third order
terms are specified separately. The calculation of the intermodu-
lation distortion is as per the THD specification where it is the
ratio of the rms sum of the individual distortion products to the
rms amplitude of the fundamental expressed in dBs.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale 20 kHz sine wave signal to one input channel and deter-
mining how much that signal is attenuated in each of the other
channels. The figure given is the worst case across all four
channels.
Relative Accuracy
Relative accuracy or endpoint nonlinearity is the maximum
deviation from a straight line passing through the endpoints of
the ADC transfer function.
Differential Nonlinearity
This is the difference between the measured and the ideal
1LSB change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (0000 . . . 000)
to (0000 . . . 001) from the ideal, i.e., AGND + 1 LSB.
Offset Error Match
This is the difference in Offset Error between any two channels.
Gain Error
This is the deviation of the last code transition (1111 ... 110) to
(1111 ... 111) from the ideal, i.e., VREF – 1 LSB, after the
offset error has been adjusted out.
Gain Error Match
This is the difference in Gain Error between any two channels.
Track/Hold Acquisition Time
Track/hold acquisition time is the time required for the output
of the track/hold amplifier to reach its final value, within
1/2 LSB, after the end of conversion (the point at which the
track/hold returns to track mode). It also applies to situations
where a change in the selected input channel takes place or
where there is a step input change on the input voltage applied
to the selected VIN input of the AD7817 or AD7818. It means
that the user must wait for the duration of the track/hold acqui-
sition time after the end of conversion or after a channel change/
step input change to VIN before starting another conversion, to
ensure that the part operates to specification.
CONTROL BYTE
The AD7816, AD7817, and AD7818 contain two on-chip regis-
ters, the Address Register and the Overtemperature Register.
These registers can be accessed by carrying out an 8-bit serial
write operation to the devices. The 8-bit word or control byte
written to the AD7816, AD7817, and AD7818 is transferred to
one of the two on-chip registers as follows.
Address Register
If the five MSBs of the control byte are logic zero, the three
LSBs of the control byte are transferred to the Address Regis-
ter—see Figure 4. The Address Register is a 3-bit-wide register
used to select the analog input channel on which to carry out a
conversion. It is also used to select the temperature sensor,
which has the address 000. Table I shows the selection. The
Internal Reference selection connects the input of the ADC to a
band gap reference. When this selection is made and a conver-
sion is initiated, the ADC output should be approximately mid-
scale. After power-up the default channel selection is DB2 = DB1
= DB0 = 0 (Temperature Sensor).
Table I. Channel Selection
DB2
DB1
DB0 Channel Selection
Device
00
0Temperature Sensor
All
00
1Channel 1
AD7817/AD7818
01
0Channel 2
AD7817
01
1Channel 3
AD7817
10
0Channel 4
AD7817
11
1Internal Ref (1.23 V)
All
Overtemperature Register
If any of the five MSBs of the control byte are logic one, then
the entire eight bits of the control byte are transferred to the
Overtemperature Register—see Figure 4. At the end of a tem-
perature conversion a digital comparison is carried out between
the 8 MSBs of the temperature conversion result (10 bits) and
the contents of the Overtemperature Register (8 bits). If the result
of the temperature conversion is greater that the contents of the
Overtemperature Register (OTR), then the Overtemperature
Indicator (
OTI) goes logic low. The resolution of the OTR is
1
°C. The lowest temperature that can be written to the OTR is –
95
°C and the highest is +152°C—see Figure 5. However, the
usable temperature range of the temperature sensor is –55
°C to
+125
°C. Figure 5 shows the OTR and how to set TALARM (the
temperature at which the
OTI goes low).
OTR (Dec) = TALARM (
°C) + 103°C
For example, to set TALARM to 50
°C, OTR = 50 + 103 = 153
Dec or 10011001 Bin. If the result of a temperature conversion
exceeds 50
°C then OTI will go logic low. The OTI logic output
is reset high at the end of a serial read operation or if a new
temperature measurement is lower than TALARM. The default
power on TALARM is 50
°C.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
MSB
LSB
CONTROL BYTE
DB0
DB1
DB2
ADDRESS REGISTER
OVERTEMPERATURE
REGISTER (OTR)
IF ANY BIT DB7 TO DB3 IS SET TO
A LOGIC 1 THEN THE FULL 8 BITS
OF THE CONTROL WORD ARE WRITTEN
TO THE OVERTEMPERATURE REGISTER
IF DB7 TO DB3 ARE LOGIC 0
THEN DB2 TO DB0 ARE WRITTEN
TO THE ADDRESS REGISTER
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Figure 4. Address and Overtemperature Register Selection


Similar Part No. - AD7816AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD781 AD-AD781 Datasheet
153Kb / 8P
   Complete 700 ns Sample-and-Hold Amplifier
REV. A
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810 AD-AD7810 Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7810YN AD-AD7810YN Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
More results

Similar Description - AD7816AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416 AD-AD7416_10 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7997 AD-AD7997 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933 Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
logo
Analog Devices
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com