Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBME15PKNMBF224FO Datasheet(PDF) 5 Page - ITT Industries

Part # DBME15PKNMBF224FO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBME15PKNMBF224FO Datasheet(HTML) 5 Page - ITT Industries

  DBME15PKNMBF224FO Datasheet HTML 1Page - ITT Industries DBME15PKNMBF224FO Datasheet HTML 2Page - ITT Industries DBME15PKNMBF224FO Datasheet HTML 3Page - ITT Industries DBME15PKNMBF224FO Datasheet HTML 4Page - ITT Industries DBME15PKNMBF224FO Datasheet HTML 5Page - ITT Industries DBME15PKNMBF224FO Datasheet HTML 6Page - ITT Industries DBME15PKNMBF224FO Datasheet HTML 7Page - ITT Industries DBME15PKNMBF224FO Datasheet HTML 8Page - ITT Industries DBME15PKNMBF224FO Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
C
C-5
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Series
Wire Gauge Range
AWG
Mating Cycles
RoHS confirm
Layout
Operating Voltage
Current Rating
(Amps)
Contact Resistance
Operating Temperature
Mil Salt Spray Test
Resistance in hours
Material
Finish
Insulator
Contact
Material
Finish
Page Number
Combo D
AWG 8-30
50,200,500
yes (MIL:no)
E: 2W2; 2WK2; 5W1
A: 3W3; 3WK3; 7W2; 11W1
B: 5W5; 9W4; 13W3; 17W2; 21W1
C: 8W8; 13W6; 17W5; 21WA4;
25W3; 27W2
D: 24W7; 36W4; 43W2; 47W1
500 VAC*
7,5 A max(Signal Contacts)
5 A max (Coaxial Contacts)
40 A max (High Power Contacts)
5 A Max (HV Contacts)
10 milli Ohm max (Signal Contacts)
40 Millivolt Max @ 40A (Power)
-55°C/125°C (MIL:150°C)
20 hours (MIL: 48 hours)
Steel
Tin
Thermoplastic,
PCT UL 94V-0
Turned
Copper Alloy
Gold over Nickel
C-21
D- Subminiature
Stainless Steel-F225
-
500
yes
9,15,25,37,50,
15, 26,44,62,78
(standardhigh density
and Combo D)
-
-
-
-55°C/125°C
500 hours
Stainless Steel
Passivated
-
-
-
-
C-7
D Subminiature Selector Guide
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 5


Similar Part No. - DBME15PKNMBF224FO

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBME13C3PJA197 ITT-DBME13C3PJA197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBME13C3PJA197 ITT-DBME13C3PJA197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBME13C3PJA197 ITT-DBME13C3PJA197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBME13C3PJF225 ITT-DBME13C3PJF225 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBME13C3PJF225 ITT-DBME13C3PJF225 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
More results

Similar Description - DBME15PKNMBF224FO

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DC-8075 BUD-DC-8075 Datasheet
101Kb / 1P
   MISSION CRITICAL CABINET
logo
Fujitsu Component Limit...
2400E3 FUJITSU-2400E3 Datasheet
467Kb / 9P
   Fujitsu Server PRIMEQUEST 2400E3 Mission Critical
2800E3 FUJITSU-2800E3 Datasheet
579Kb / 9P
   Fujitsu Server PRIMEQUEST 2800E3 Mission Critical
logo
Lanner All Rights Reser...
PGN-750 LANNER-PGN-750 Datasheet
341Kb / 1P
   Swappable 5G Radio Modem for Mission-Critical Communications
v4-2022,12,16
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
   EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
logo
Dialight Corporation
598-8170-102F DIALIGHT-598-8170-102F Datasheet
1Mb / 16P
   40 Years of LED Experience
logo
Tripp Lite. All Rights ...
SU10K TRIPPLITE-SU10K Datasheet
151Kb / 4P
   SmartOnline UPS System - True online power for mission critical applications
logo
STMicroelectronics
AN4178 STMICROELECTRONICS-AN4178 Datasheet
109Kb / 13P
   LIN communication with two STM8AF boards of STM8A-DISCOVERY
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
   SCI COMMUNICATION BETWEEN ST7 AND PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com