Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P101FJ-E2 Datasheet(PDF) 11 Page - Rohm

Part # BM1P101FJ-E2
Description  PWM Control type DC/DC converter IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P101FJ-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BM1P101FJ-E2 Datasheet HTML 7Page - Rohm BM1P101FJ-E2 Datasheet HTML 8Page - Rohm BM1P101FJ-E2 Datasheet HTML 9Page - Rohm BM1P101FJ-E2 Datasheet HTML 10Page - Rohm BM1P101FJ-E2 Datasheet HTML 11Page - Rohm BM1P101FJ-E2 Datasheet HTML 12Page - Rohm BM1P101FJ-E2 Datasheet HTML 13Page - Rohm BM1P101FJ-E2 Datasheet HTML 14Page - Rohm BM1P101FJ-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/18
Datasheet
Datasheet
BM1P061FJ / BM1P062FJ / BM1P101FJ / BM1P102FJ
TSZ02201-0F2F0A200090-1-2
22.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(5) Over Current limiter
BM1Pxxx is built in the Over Current limiter per cycle. If the CS pin is over a certain voltage, the switching is stopped. It is
also built in the AC voltage compensation function. The function is rise over the current limiter level by time to compensate
AC voltage.
Shown in figure-12,13,14
Figure 12. No AC voltage compensation function
Figure 13.buit-in AC compensation voltage
The primary peak current is decided as the formula below.
The primary peak current:
Ipeak = Vcs/Rs + Vdc/Lp*Tdelay
Vcs :the over current limiter voltage
Rs :the current detection resistance
Vdc :the input DC voltage
Lp :the Primary inductance
Tdelay:the delay time after the detection of the over current limiter
Figure 14. Over current limiter voltage
6)L.E.B blanking period
When the driver MOSFET is turned ON, a surge current occurs at capacitor components and the drive current.
Therefore, because of rising the CS pin voltage temporarily, the detection errors may occur in the over current limiter
circuit. To prevent detection errors, when the OUT pin is switched from high to low, the CS signal is masked for 250 ns by
the on-chip LEB (Leading Edge Blanking) function. This blanking function reduces CS pin noise filter for the noise that
occurs when the OUT pin is switched from high to low.


Similar Part No. - BM1P101FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P101FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P061FJ ROHM-BM1P061FJ_15 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com