Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P102FJ Datasheet(PDF) 8 Page - Rohm

Part # BM1P102FJ
Description  PWM Control type DC/DC converter IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P102FJ Datasheet(HTML) 8 Page - Rohm

Back Button BM1P102FJ Datasheet HTML 4Page - Rohm BM1P102FJ Datasheet HTML 5Page - Rohm BM1P102FJ Datasheet HTML 6Page - Rohm BM1P102FJ Datasheet HTML 7Page - Rohm BM1P102FJ Datasheet HTML 8Page - Rohm BM1P102FJ Datasheet HTML 9Page - Rohm BM1P102FJ Datasheet HTML 10Page - Rohm BM1P102FJ Datasheet HTML 11Page - Rohm BM1P102FJ Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/18
Datasheet
Datasheet
BM1P061FJ / BM1P062FJ / BM1P101FJ / BM1P102FJ
TSZ02201-0F2F0A200090-1-2
22.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(3) VCC pin protection function
BM1Pxxx built in VCCUVLO (Under Voltage Lock Out), VCC OVP (Over Voltage Protection) and VCC charge function that
operates in case of dropping the VCC voltage.
This function monitors VCC pin and prevent VCC pin from destroying switching MOSFET at abnormal voltage.
VCC charge function stabilizes the secondary output voltage to be charged from the high voltage line by start circuit when
dropping the VCC voltage.
(3-1) VCC UVLO / VCC OVP function
VCCUVLO is auto recovery comparator. BM1Pxx1 series have auto recovery type VCCOVP that has voltage hysteresis.
BM1Pxx2 series has latch type VCCOVP.
Refer to the operation figure-8.
VCCOVP operates detection in case of continuing VCC pin voltage > VOVP1 (typ=27.5V).
This function built in mask time T
LATCH(typ=100us).By this function, this IC masks pin generated surge etc. (please refer to
section (7))
VCCuvlo1
ON
OFF
Vovp
VCCuvlo2
ON
OFF
OFF
OFF
ON
OFF
A
B
CD
EF
OFF
L : Normal
H : Latch
G H
I
Vlatch
VCCCHG2
VCCCHG1
TLATCH
A
J
ON
ON
OFF
OFF
ON
ON
ON
ON
OFF
OFF
OFF
ON
OFF
K
Figure 8. VCC UVLO / OVP Timing Chart
A:The VH pin voltage input, the VCC pin voltage starts rising.
B:VCC>Vuvlo1, the DC/DC operation starts
C:VCC > V
OVP1 , the VCCOVP function is detected.
D:VCC > V
OVP1
continues T
LATCH(typ =100us), switching is stopped by the VCCOVP function (LATCH MODE) .
E:VCC< V
CHG1, the VCC charge function operates and the VCC voltage is rise.
F:VCC > V
CHG2
, the VCC charge function is stopped.
G:Same as E.
H:Same as F.
I: The VH pin is OPEN. The VCC Voltage is fall.
J: VCC<Vuvlo2, the DC/DC operation stops
K: VCC<V
LATCH
,, the LATCH function is reset.


Similar Part No. - BM1P102FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P102FJ ROHM-BM1P102FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P102FJ ROHM-BM1P102FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P102FJ-E2 ROHM-BM1P102FJ-E2 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM1P102FJ-E2 ROHM-BM1P102FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P102FJ-E2 ROHM-BM1P102FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
More results

Similar Description - BM1P102FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P061FJ ROHM-BM1P061FJ_15 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com