Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P014 Datasheet(PDF) 10 Page - Rohm

Part # BM2P014
Description  PWM type DC/DC converter IC Included 650V MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P014 Datasheet(HTML) 10 Page - Rohm

Back Button BM2P014 Datasheet HTML 6Page - Rohm BM2P014 Datasheet HTML 7Page - Rohm BM2P014 Datasheet HTML 8Page - Rohm BM2P014 Datasheet HTML 9Page - Rohm BM2P014 Datasheet HTML 10Page - Rohm BM2P014 Datasheet HTML 11Page - Rohm BM2P014 Datasheet HTML 12Page - Rohm BM2P014 Datasheet HTML 13Page - Rohm BM2P014 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10/16
Datasheet
Datasheet
BM2PXX4 Series
TSZ02201-0F2F0A200070-1-2
28.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
( 4 ) DCDC driver (PWM comparator, frequency hopping, slope compensation, OSC, burst)
BM2PXX4 is current mode PWM control.
An internal oscillator sets a fixed switching frequency (65kHz typ).
BM2PXX4 is integrated switching frequency hopping function which changes the switching frequency to fluctuate as
shown in Figure 11 below.
The fluctuation cycle is 125 Hz typ.
65
Switching Frequency
[kHz]
69
125 Hz(8ms)
Time
61
62
63
64
66
68
67
500us
Figure 10. Frequency hopping function
Max duty cycle is fixed as 75% (typ) and MIN pulse width is fixed as 400 ns (typ).
With current mode control, when the duty cycle exceeds 50% sub harmonic oscillation may occur.
As a countermeasure to this, BM2PXX4 is built in slope compensation circuits.
BM2PXX4 is built in burst mode circuit and frequency reduction circuit to achieve lower power consumption, when the load
is light.
FB pin is pull up by RFB (30 kΩ typ).
FB pin voltage is changed by secondary output voltage (secondary load power).
FB pin is monitored, burst mode operation and frequency detection start.
Figure 11 shows the FB voltage, and switching frequency, DCDC operation
mode1 : Burst operation
mode2: Frequency reduction operation.
mode3 : Fixed frequency operation.(operate at the max frequency)
mode4 : Over load operation.(detect the over load state and stop the pulse operation)
Figure 11. Switching operation state changes by FB pin voltage


Similar Part No. - BM2P014

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2P014

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P051F ROHM-BM2P051F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com