Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0468760551 Datasheet(PDF) 1 Page - Weidmuller

Part # 0468760551
Description  Connector markers, L x W: 6 x 5 mm, Polyamide, white
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0468760551 Datasheet(HTML) 1 Page - Weidmuller

  0468760551 Datasheet HTML 1Page - Weidmuller 0468760551 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product catalogue | Installation Products | Markings | Terminal markers | Card | Dekafix | Standard print | Dek 6 | Vertical |
Digits continuous
- 1 -
General ordering data
Order No.
0468760551
Part designation
DEK 6 FS 551-600
Version
Connector markers, L x W: 6 x 5 mm, Polyamide,
white
EAN
4008190066277
Qty.
500 pc(s).
Markings
Cadmium
no
Can be labelled with thermal transfer printers
No
Can be printed with plotter
No
Can be written with dot-matrix printer
No
Can be written with laser printer
No
Colour of printing
black
Function
Connector markers
Halogen
no
Length
6 mm
Material
Polyamide
Material colour
white
Material colour according to resistance code
9
Max. temperature, continuous
100 °C
Min. temperature, continuous
-40 °C
Orientation of print
vertical
Pin can be written (STI)
No
Pitch
6 mm
PrintJet
No
Printed characters
Numbers
Printing method
MC Laser
Silicone
no
Speed marking laser
No
Type of printing
Standard
UL 94 flammability class
V2
Width
5 mm


Similar Part No. - 0468760551

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0468760001 WEIDMULLER-0468760001 Datasheet
532Kb / 1P
   SAKT 1/LT SAKT 2/LT
0468760001 WEIDMULLER-0468760001 Datasheet
521Kb / 1P
   Disconnect Terminals
0468760001 WEIDMULLER-0468760001 Datasheet
495Kb / 1P
   Screw Clamp 35 mm DIN-Rail Terminals
0468760001 WEIDMULLER-0468760001 Datasheet
531Kb / 1P
   SAKT 4/LT SAKT 4/DU SAKT 1/DU SAKT 1/QT
0468760051 WEIDMULLER-0468760051 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
More results

Similar Description - 0468760551

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0468660301 WEIDMULLER-0468660301 Datasheet
73Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide,white
0468760101 WEIDMULLER-0468760101 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760201 WEIDMULLER-0468760201 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760251 WEIDMULLER-0468760251 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760601 WEIDMULLER-0468760601 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468660051 WEIDMULLER-0468660051 Datasheet
73Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468660151 WEIDMULLER-0468660151 Datasheet
73Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760051 WEIDMULLER-0468760051 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760751 WEIDMULLER-0468760751 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0518960091 WEIDMULLER-0518960091 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com