Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMOC3052 Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KMOC3052
Description  Optoisolators TRIAC Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3052 Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KMOC3052_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:05/05/2011
NO.60P41009
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3052
SHEET 5 OF 6
REV.
4
Fig.7 On-State Characteristics
Fig.8 Leakage with LED off vs.
Ambient Temperature
-400
-3
0
-2
-1
+1
+2
+3
+300
-300
-200
-100
0
+100
+200
Output Pulse Width 80us
I =30mA,f=60Hz,Ta=25°C
+400
F
100
80
40
020
-20
-40
60
I =0,V
=Rated
5
10
20
100
50
200
F
DRM
500
On-State Voltage (V)
Ambient Temperature Ta(℃)
Fig.9 Trigger Current vs.
Ambient Temperature
Normalized To Ta=25°C
80
1.2
-20
0.5
-40
0.3
0.4
0.9
0.7
0.6
0.8
1.0
1.1
020
40
60
1.6
1.4
1.3
1.5
100
Ambient Temperature Ta(℃)


Similar Part No. - KMOC3052_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3052H COSMO-KMOC3052H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052H COSMO-KMOC3052H Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3052L COSMO-KMOC3052L Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - KMOC3052_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3022S COSMO-KMOC3022S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3023S COSMO-KMOC3023S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052H COSMO-KMOC3052H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3053H COSMO-KMOC3053H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3023 COSMO-KMOC3023 Datasheet
351Kb / 2P
   OPTOISOLATORS TRIAC DRIVER OUTPUT
KMOC3023H COSMO-KMOC3023H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com