Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEN103K1H Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PEN103K1H
Description  Polyester Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEN103K1H Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PEN103K1H Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
RV
50VDC/100VDC
200VDC
DIM.
CAP (
μF)
W
H
T
W
H
T
P± 1
0.0010
10.0
8.0
5.0
7.0±1.0
0.6
10.0
8.0
5.0
7.0±1.0
0.6
0.0015
10.0
8.0
5.0
7.0±1.0
0.6
10.0
8.0
5.0
7.0±1.0
0.6
0.0022
10.0
8.0
5.0
7.0±1.0
0.6
10.0
8.0
5.0
7.0±1.0
0.6
0.0033
10.0
8.0
5.0
7.0±1.0
0.6
10.0
8.0
5.0
7.0±1.0
0.6
0.0047
10.0
8.5
5.0
7.0±1.0
0.6
10.0
8.5
5.0
7.0±1.0
0.6
0.0068
10.0
8.5
5.0
7.0±1.0
0.6
10.0
8.5
5.0
7.0±1.0
0.6
0.01
10.0
8.5
5.0
7.0±1.0
0.6
12.0
9.0
6.0
8.0±1.0
0.6
0.015
12.0
9.0
5.5
8.0±1.0
0.6
14.0
10.0
6.0
10.0±1.5
0.6
0.022
12.0
9.0
6.0
8.0±1.0
0.6
14.0
11.0
6.0
10.0±1.5
0.6
0.033
14.0
10.0
6.0
10.0±1.5
0.6
14.0
13.0
7.0
10.0±1.5
0.6
0.047
14.0
11.0
6.5
10.0±1.5
0.6
16.0
10.0
6.5
12.0±1.5
0.6
0.068
14.0
11.0
6.5
10.0±1.5
0.6
16.0
12.5
7.8
12.0±1.5
0.8
0.10
14.0
13.0
8.0
10.0±1.5
0.6
20.0
17.0
9.0
15.0±1.5
0.8
0.15
20.0
14.0
8.0
16.0±1.5
0.8
20.0
18.0
10.0
15.0±1.5
0.8
0.22
20.0
16.0
9.0
16.0±1.5
0.8
26.0
21.0
10.5
21.5±1.5
0.8
0.33
20.0
18.0
11.0
16.0±1.5
0.8
26.0
22.0
11.5
21.5±1.5
0.8
0.47
26.0
21.0
11.0
21.0±1.5
0.8
31.0
24.0
13.0
27.5±1.5
0.8
MERITEK
Polyester
Film Capacitors
PEN Series
(Non-Inductive)
FEATURES
High stability and reliability
Excellent environmental performance
Low equivalent series resistance
Non-inductive construction minimizes dissipation factor
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.001
μF to 0.47μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
50VDC, 100VDC, 200VDC
5.
Dissipation factor:
0.8% max. at 1KHz, 25
oC
6.
Insulation resistance:
>20000M
Ω (C ≤ 0.1μF)
>2000M
Ω
μF (C > 0.1 μF)
PART NUMBERING SYSTEM
PEN
682
J
2A
Meritek Series
Capacitance
CODE
102
103
104
( pF )
1,000
10,000
100,000
( nF )
1
10
100
(
μF )
0.001
0.01
0.1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
1H
2A
2D
50V
100V
200V
Tape & Reel Tape & Ammo available for lead space
10 mm
Please contact factory for part number
PEN are constructed with polyester film dielectric,
aluminum foil electrodes, tinned copper lead and a
non-inductive epoxy resin coating. They are ideal
for
commercial
and
industrial
use
and
are
completely noiseless in small signal circuits.
Specifications are subject to change without notice.
rev.6a


Similar Part No. - PEN103K1H

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
PEN-M5 FESTO-PEN-M5 Datasheet
83Kb / 1P
   PE converter
logo
PEAK electronics GmbH
PEN3 PEAK-PEN3 Datasheet
123Kb / 3P
   PEN-SERIES
PEN3-1205E21 PEAK-PEN3-1205E21 Datasheet
194Kb / 2P
   PEN3-XXXXE2:1 1.5 KV ISOLATED 2 - 3 W REGULATED SINGLE OUTPUT DIP24
PEN3-1205E21LF PEAK-PEN3-1205E21LF Datasheet
123Kb / 3P
   PEN-SERIES
PEN3-1205Z21 PEAK-PEN3-1205Z21 Datasheet
186Kb / 2P
   PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - PEN103K1H

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
   POLYESTER FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com