Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7869JN Datasheet(PDF) 10 Page - Analog Devices

Part # AD7869JN
Description  LC2MOS Complete, 14-Bit Analog I/O System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7869JN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7869JN Datasheet HTML 6Page - Analog Devices AD7869JN Datasheet HTML 7Page - Analog Devices AD7869JN Datasheet HTML 8Page - Analog Devices AD7869JN Datasheet HTML 9Page - Analog Devices AD7869JN Datasheet HTML 10Page - Analog Devices AD7869JN Datasheet HTML 11Page - Analog Devices AD7869JN Datasheet HTML 12Page - Analog Devices AD7869JN Datasheet HTML 13Page - Analog Devices AD7869JN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7869
–10–
REV. A
Performance versus Frequency
The typical performance plots of Figures 14 and 15 show the
AD7869 DAC performance over a wide range of input frequen-
cies at an update rate of 83 kHz. The plot of Figure 14 is with-
out a sample-and-hold on the DAC output while the plot of
Figure 15 is generated with a sample-and-hold on the output.
Figure 14. DAC Performance vs. Frequency (No
Sample-and-Hold)
Figure 15. DAC Performance vs. Frequency (Sample-and-
Hold)
The digitizer sampling is synchronized with the DAC update
rate to ease FFT calculations. The digitizer samples the DAC
output after the output has settled to its new value. Therefore, if
the digitizer were to directly sample the output, it would effec-
tively be sampling a dc value each time. As a result, the dynamic
performance of the DAC would not be measured correctly. Us-
ing the digitizer directly on the DAC output would give better
results than the actual performance of the DAC. Using a filter
between the DAC and the digitizer means that the digitizer
samples a continuously moving signal, and the true dynamic
performance of the AD7869 DAC output is measured.
Figure 12 shows a typical 2048 point Fast Fourier Transform
plot for the AD7869 DAC with an update rate of 83 kHz and an
output frequency of 1 kHz. The SNR obtained from the graph is
82 dBs.
Figure 12. DAC FFT Plot
Some applications will require improved performance versus fre-
quency from the AD7869 DAC. In these applications, a simple
sample-and-hold circuit such as that outlined in Figure 13 will
extend the very good performance of the DAC to 20 kHz. Other
applications will already have an inherent sample-and-hold
function following the AD7869 DAC output. An example of
this type of application is driving a switched capacitor filter
where the updating of the DAC is synchronized with the
switched capacitor filter. This inherent sample-and-hold func-
tion also extends the frequency range performance.
AD7869*
LDAC
LDAC
VOUT
Q
ADG201HS
S1
D1
IN1
AD711
*ADDITIONAL PINS OMITTED FOR CLARITY
R2
2k2
C9
330pF
1
µs
ONE SHOT
DELAY
R1
2k2
Figure 13. DAC Sample-and-Hold Circuit


Similar Part No. - AD7869JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
   LC MOS Complete, 14-Bit Analog I/O System
REV. B
More results

Similar Description - AD7869JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
   LC MOS Complete, 14-Bit Analog I/O System
REV. B
AD7868 AD-AD7868_15 Datasheet
340Kb / 16P
   LC MOS Complete, 12-Bit Analog I/O System
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569 Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7769 AD-AD7769 Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com