Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEIM102M2A Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PEIM102M2A
Description  Miniature Polyester Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEIM102M2A Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PEIM102M2A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
RV
50VDC/100VDC
RV
50VDC/100VDC
DIM
.
CAP(
μF)
W
H
T
P
DIM.
CAP(
μF)
W
H
T
P
0.001
6.5
8.0
3.5
3.5±1.0
0.5
0.022
7.5
10.0
4.0
3.5±1.0
0.5
0.0012
6.5
8.0
3.5
3.5±1.0
0.5
0.027
7.5
10.0
4.0
3.5±1.0
0.5
0.0015
6.5
8.0
4.0
3.5±1.0
0.5
0.033
7.5
11.0
4.5
3.5±1.0
0.5
0.0018
6.5
8.0
4.0
3.5±1.0
0.5
0.039
7.5
11.0
4.5
3.5±1.5
0.5
0.0022
6.5
8.0
4.0
3.5±1.0
0.5
0.047
7.5
11.0
5.0
5.0±1.5
0.5
0.0027
6.5
8.0
4.0
3.5±1.0
0.5
0.056
8.0
11.0
5.0
5.0±1.5
0.5
0.0033
6.5
8.0
4.0
3.5±1.0
0.5
0.068
9.5
11.0
5.5
5.0±1.5
0.5
0.0039
6.5
8.0
4.0
3.5±1.0
0.5
0.082
9.5
11.0
5.5
5.0±1.5
0.5
0.0047
6.5
9.0
4.0
3.5±1.0
0.5
0.1
9.5
11.0
6.0
5.0±1.5
0.5
0.0056
6.5
9.0
4.5
3.5±1.0
0.5
0.15
12.0
13.0
7.0
6.0±1.5
0.6
0.0068
7.0
9.0
4.5
3.5±1.0
0.5
0.22
15.0
14.0
8.0
6.5±1.5
0.6
0.0082
7.0
9.0
4.5
3.5±1.0
0.5
0.010
7.0
9.0
4.5
3.5±1.0
0.5
0.012
7.0
9.0
4.5
3.5±1.0
0.5
0.015
7.0
9.0
5.0
3.5±1.0
0.5
0.018
7.0
9.0
5.0
3.5±1.0
0.5
Custom sizes and lead spacing available upon request
Custom values and tolerances available upon request
MERITEK
Miniature Polyester
Film Capacitors
PEIM Series
(Inductive)
FEATURES
High moisture resistance
Good solderability
Available on tape and reel for automatic insertion
ESR is minimized
Very small size, low profile
SPECIFICATIONS
1. Operating temperature:
-40
o
C to 85
o
C
2.
Capacitance range:
0.001
μF to 0.22μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
50VDC, 100VDC
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance:
>20000M
Ω (C ≤ 0.1μF)
>2000M
Ω μF (C > 0.1μF)
PART NUMBERING SYSTEM
PEIM
473
J
2A
Meritek Series
Capacitance
CODE
102
103
104
(pF )
1,000
10,000
100,000
( nF )
1
10
100
(
μF )
0.001
0.01
0.1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
1H
2A
50V
100V
Tape & Reel Tape & Ammo available for lead space
10 mm
Please contact factory for part number
PEIM are constructed with polyester film
dielectric, aluminum foil electrodes, tinned copper
leads, and inductive epoxy resin coating. Ideal
applications include blocking, circuit isolation,
bypassing,
signal
coupling,
timing
circuits,
filtering, and other applications. PEIM are suitable
for use in televisions, radios, tape recorders,
stereo equipment, and other electronic devices.
1.5
Specifications are subject to change without notice.
rev.6a


Similar Part No. - PEIM102M2A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
   Polyester Film Capacitors
PEI102J1HTA MERITEK-PEI102J1HTA Datasheet
122Kb / 1P
   Polyester Film Capacitors
PEI102J1HTR MERITEK-PEI102J1HTR Datasheet
122Kb / 1P
   Polyester Film Capacitors
PEI102J2ATA MERITEK-PEI102J2ATA Datasheet
122Kb / 1P
   Polyester Film Capacitors
PEI102J2ATR MERITEK-PEI102J2ATR Datasheet
122Kb / 1P
   Polyester Film Capacitors
More results

Similar Description - PEIM102M2A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPEM MERITEK-MPEM Datasheet
109Kb / 1P
   Miniature Metallized Polyester Film Capacitors
logo
RFE international
MES104K2A050B250S RFE-MES104K2A050B250S Datasheet
107Kb / 1P
   METALIZED POLYESTER FILM CAPACITORS MES Series: Miniature, Radial
logo
Vishay Siliconix
192P222X9080 VISHAY-192P222X9080 Datasheet
96Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
192P VISHAY-192P Datasheet
97Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
   Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEN MERITEK-PEN Datasheet
106Kb / 1P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
   POLYESTER FILM CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com