Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7885 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7885
Description  LC2MOS 16-Bit, High Speed Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7885 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7885 Datasheet HTML 2Page - Analog Devices AD7885 Datasheet HTML 3Page - Analog Devices AD7885 Datasheet HTML 4Page - Analog Devices AD7885 Datasheet HTML 5Page - Analog Devices AD7885 Datasheet HTML 6Page - Analog Devices AD7885 Datasheet HTML 7Page - Analog Devices AD7885 Datasheet HTML 8Page - Analog Devices AD7885 Datasheet HTML 9Page - Analog Devices AD7885 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7884/AD7885
REV. C
–6–
PIN FUNCTION DESCRIPTION
AD7884
AD7885
AD7885A
Description
VINV
VINV
VINV
This pin is connected to the inverting terminal of an op amp, as in Figure 6, and allows
the inversion of the supplied +3 V reference.
VREF–
VREF–
VREF–
This is the negative reference input, and it can be obtained by using an external amplifier
to invert the positive reference input. In this case, the amplifier output is connected to
VREF–. See Figure 6.
±3 V
INS_
±3 V
INS
This is the analog input sense pin for the
±3 volt analog input range on the AD7884 and
AD7885A.
±3 V
INF_
±3 V
INF
This is the analog input force pin for the
±3 volt analog input range on the AD7884 and
AD7885A. When using this input range, the
±5 V
INF and ± 5 VINS pins should be tied to
AGND.
±3 V
IN
This is the analog input pin for the
±3 volt analog input range on the AD7885. When us-
ing this input range, the
±5 V
INF and
±5 V
INS pins should be tied to AGND.
±5 V
INS
±5 V
INS
±5 V
INS
This is the analog input sense pin for the
±5 volt analog input range on both the AD7884,
AD7885 and AD7885A.
±5 V
INF
±5 V
INF
±5 V
INF
This is the analog input force pin for the
±5 volt analog input range on both the AD7884,
AD7885 and AD7885A. When using this input range, the
±3 V
INF and
±3 V
INS pins
should be tied to AGND.
AGNDS
AGNDS
AGNDS
This is the ground return sense pin for the 9-bit ADC and the on-chip residue amplifier.
AGNDF
AGNDF
AGNDF
This is the ground return force pin for the 9-bit ADC and the on-chip residue amplifier.
AVDD
AVDD
AVDD
Positive analog power rail for the sample-and-hold amplifier and the residue amplifier.
AVSS
AVSS
AVSS
Negative analog power rail for the sample-and-hold amplifier and the residue amplifier.
GND
GND
GND
This is the ground return for sample-and-hold section.
VSS
VSS
VSS
Negative supply for the 9-bit ADC.
VDD
VDD
VDD
Positive supply for the 9-bit ADC and all device logic.
CONVST
CONVST
CONVST
This asynchronous control input starts conversion.
CS
CS
CS
Chip Select control input.
RD
RD
RD
Read control input. This is used in conjunction with CS to read the conversion result
from the device output latch.
HBEN
HBEN
High Byte Enable. Active high control input for the AD7885. It selects either the high or
the low byte of the conversion for reading.
BUSY
BUSY
BUSY
Busy output. The Busy output goes low when conversion begins and stays low until it is
completed, at which time it goes high.
DB0–DB15
Sixteen-bit parallel data word output on the AD7884.
DB0–DB7
DB0–DB7
Eight-bit parallel data byte output on the AD7885.
DGND
DGND
DGND
Ground return for all device logic.
VREF+FVREF+FVREF+F
Reference force input.
VREF+SVREF+SVREF+S
Reference sense input. The device operates from a +3 V reference.


Similar Part No. - AD7885

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7885 AD-AD7885_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
Rev. E
More results

Similar Description - AD7885

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
AD7885 AD-AD7885_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
Rev. E
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com