Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN73C2BTE1001A Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # RN73C2BTE1001A
Description  Precision Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RN73C2BTE1001A Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  RN73C2BTE1001A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RN73C2BTE1001A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RN73C2BTE1001A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RN73C2BTE1001A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RN73C2BTE1001A Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
 
Rev. 7
 
Precision Thin Film Chip Resistors
RN73 Series
Recommend Land Pattern
Unit: mm
Type
A
B
C
1H
0.25
0.30
0.40±0.2
1E
0.50
0.50
0.60±0.2
1J
0.80
1.00
0.90±0.2
2A
1.00
1.00
1.35±0.2
2B
2.00
1.15
1.70±0.2
2E
2.00
1.15
2.50±0.2
2H
3.60
1.40
2.50±0.2
3A
4.90
1.60
3.10±0.2
A
B
C


Similar Part No. - RN73C2BTE1001A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN73C2B100KATDF ETC2-RN73C2B100KATDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C2B100KATDF ETC2-RN73C2B100KATDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C2B100KATG ETC2-RN73C2B100KATG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C2B100KATG ETC2-RN73C2B100KATG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C2B100KBTDF ETC2-RN73C2B100KBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results

Similar Description - RN73C2BTE1001A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com