Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRB100V330MF102 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SRB100V330MF102
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SRB100V330MF102 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SRB100V330MF102 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SRB100V330MF102 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Rev. 7
 
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SRB Series
(General Purpose)
FEATURES
 Height : 5.4mm.
 Load life : 85°C 2000 hours.
SPECIFICATIONS
Item
Characteristic
Operation Temperature Range
-40 ~ +85°C
Rated Working Voltage
4 ~ 100VDC
Capacitance Tolerance
(120Hz 20°C)
±20%(M)
Leakage Current
(20°C)
I ≤0.01CV or 3 ( µA )
*Whichever is greater after 2 minutes
I: Leakage Current ( µA)
C: Rated Capacitance ( µF)
V: Working Voltage (V)
Surge Voltage
(20°C)
W.V.
4
6.3
10
16
25
35
50
63
100
S.V.
5
8
13
20
32
44
63
79
125
Dissipation Factor (tan δ)
(120Hz 20°C)
Add 0.02 per 1000 µF for more than 1000 µF
W.V.
4
6.3
10
16
25
35
50
63
100
tan δ
0.35
0.28
0.24
0.20
0.16
0.14
0.12
0.12
0.10
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
4
6.3
10
16
25
35
50
63
100
-25°C / +20°C
7
4
3
2
2
2
2
2
2
-40°C / +20°C
15
8
6
4
4
3
3
3
3
Load Life
After 2000 hours application of W.V. and +85°C ripple current value, the capacitor shall meet
the following limits. (DC + ripple peak voltage ≤ rate working voltage)
Capacitance Change
≤ ±20% of initial value
Dissipation Factor
≤ 200% of initial specified value
Leakage current
≤ initial specified value
Shelf Life
At +85°C, no voltage application after 1000 hours, the capacitor shall meet the limits for load
life characteristics. (With voltage treatment)
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode terminals facing
downward will fulfill the following conditions after being cooled to room temperature.
Capacitance Change
≤ ±10% of initial value
Dissipation Factor
≤ initial specified value
Leakage current
≤ initial specified value
PART NUMBERING SYSTEM
SRB
100V
330
M
J 102
Meritek Series
Voltage
Capacitance
Capacitance expressed in microfarads (μF).
First two digits are significant figures.
Third digit denotes number of zeros.
'R' denotes decimal point for values less than 10 μF
Tolerance
M=±20%
Case Diameter Code
Case Height (mm)
The third digit denotes the first decimal place
For example, 102 = 10.2mm
Case Diameter Code
Φ D
B
Φ 3.0
D
Φ 4.0
E
Φ 5.0
F
Φ 6.3
H
Φ 8.0
J
Φ 10.0


Similar Part No. - SRB100V330MF102

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRB10100 MIC-SRB10100 Datasheet
49Kb / 2P
   SCHTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SRB10100LCT DGNJDZ-SRB10100LCT Datasheet
1Mb / 7P
   10A 100V LOW VF SCHOTTKY RECTIFIER
SRB10150CT DGNJDZ-SRB10150CT Datasheet
1Mb / 7P
   10A 150V SCHOTTKY RECTIFIER
logo
MIC GROUP RECTIFIERS
SRB1020 MIC-SRB1020 Datasheet
49Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRB1030 MIC-SRB1030 Datasheet
49Kb / 2P
   SCHTTKY BARRIER RECTIFIER
More results

Similar Description - SRB100V330MF102

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com