Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7887AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD7887AR
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7887AR Datasheet HTML 4Page - Analog Devices AD7887AR Datasheet HTML 5Page - Analog Devices AD7887AR Datasheet HTML 6Page - Analog Devices AD7887AR Datasheet HTML 7Page - Analog Devices AD7887AR Datasheet HTML 8Page - Analog Devices AD7887AR Datasheet HTML 9Page - Analog Devices AD7887AR Datasheet HTML 10Page - Analog Devices AD7887AR Datasheet HTML 11Page - Analog Devices AD7887AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
AD7887
–8–
PERFORMANCE CURVES
Figure 2 shows a typical FFT plot for the AD7887 at 125 kHz
sample rate and 10 kHz input frequency.
–110
0
–10
–30
–50
–70
–90
4096 POINT FFT
SAMPLING
125kSPS
fIN = 10kHz
SNR = 71dB
Figure 2. Dynamic Performance
Figure 3 shows the SNR vs. Frequency for a 5 V supply with a
5 V external reference.
INPUT FREQUENCY – kHz
71.0
0.15
42.14
73.0
72.5
72.0
71.5
10.89
31.59
VDD = 5V
5V EXT REFERENCE
21.14
Figure 3. SNR vs. Input Frequency
Figure 4 shows the power supply rejection ratio versus fre-
quency for the part. The power supply rejection ratio is defined
as the ratio of the power in the ADC output at frequency f to
the power of a full-scale sine wave applied to the ADC of fre-
quency fS:
PSRR (dB) = 10 log (Pf/Pfs)
Pf = Power at frequency f in ADC output, Pfs = power at fre-
quency fS in ADC full-scale input. Here a 100 mV peak-to-peak
sine wave is coupled onto the VDD supply. Both the +2.7 V and
+5.5 V supply performances are shown.
INPUT FREQUENCY – kHz
–93
2.65
64.15
12.85
33.65
VDD = +5.5V/+2.7V
100mV p-p SINE WAVE ON VDD
REFIN = 2.488V EXT REFERENCE
23.15
–91
–89
–87
–85
–83
–81
–79
–77
–75
43.85
54.35
Figure 4. PSRR vs. Frequency
CIRCUIT INFORMATION
The AD7887 is a fast, low power, 12-bit, single supply, single-
channel/dual-channel A/D converter. The part can be operated
from a +3 V (+2.7 V to +3.6 V) supply or from a +5 V (+4.75 V to
+5.25 V) supply. When operated from either a +5 V or +3 V
supply, the AD7887 is capable of throughput rates of 125 kSPS
when provided with a 2 MHz clock.
The AD7887 provides the user with an on-chip track/hold, A/D
converter, reference and serial interface housed in an 8-lead
package. The serial clock input accesses data from the part and
also provides the clock source for the successive approximation
A/D converter. The part can be configured for single-channel or
dual-channel operation. When configured as a single-channel
part, the analog input range is 0 to VREF (where the externally-
applied VREF can be between +1.2 V and VDD). When the
AD7887 is configured for two input channels, the input range is
determined by internal connections to be 0 to VDD.
If single-channel operation is required, the AD7887 can be
operated in a read-only mode by tying the DIN line permanently to
GND. For applications where the user wants to change the
mode of operation or wants to operate the AD7887 as a dual-
channel A/D converter, the DIN line can be used to clock data
into the part’s control register.
CONVERTER OPERATION
The AD7887 is a successive approximation analog-to-digital
converter based around a charge redistribution DAC. Figures 5
and 6 show simplified schematics of the ADC. Figure 5 shows
the ADC during its acquisition phase. SW2 is closed and SW1 is
in position A, the comparator is held in a balanced condition
and the sampling capacitor acquires the signal on AIN.
(REF IN/REF OUT)/2
SAMPLING
CAPACITOR
COMPARATOR
ACQUISITION
PHASE
SW1
A
SW2
AGND
B
AIN
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 5. ADC Acquisition Phase


Similar Part No. - AD7887AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887AR AD-AD7887AR Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR AD-AD7887AR Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7887AR-REEL AD-AD7887AR-REEL Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR-REEL7 AD-AD7887AR-REEL7 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR-REEL7 AD-AD7887AR-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Similar Description - AD7887AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com