Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7872JR Datasheet(PDF) 6 Page - Analog Devices

Part # AD7872JR
Description  LC2MOS Complete 14-Bit, Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7872JR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7872JR Datasheet HTML 2Page - Analog Devices AD7872JR Datasheet HTML 3Page - Analog Devices AD7872JR Datasheet HTML 4Page - Analog Devices AD7872JR Datasheet HTML 5Page - Analog Devices AD7872JR Datasheet HTML 6Page - Analog Devices AD7872JR Datasheet HTML 7Page - Analog Devices AD7872JR Datasheet HTML 8Page - Analog Devices AD7872JR Datasheet HTML 9Page - Analog Devices AD7872JR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7871/AD7872
–6–
REV. D
CONVERTER DETAILS
The AD7871/AD7872 is a complete 14-bit A/D converter, re-
quiring no external components apart from power supply
decoupling capacitors. It is comprised of a 14-bit successive ap-
proximation ADC based on a fast settling voltage-output DAC,
a high speed comparator and CMOS SAR, a track/hold ampli-
fier, a 3 V buried Zener reference, a clock oscillator and control
logic.
INTERNAL REFERENCE
The AD7871/AD7872 has an on-chip temperature compensated
buried Zener reference that is factory trimmed to 3 V
± 10 mV.
Internally it provides both the DAC reference and the dc bias
required for bipolar operation. Reference noise is minimized by
connecting a capacitor between CREF and AGND. For specified
operation this capacitor should be 10 nF. The reference output
is available (REF OUT) and capable of providing up to 500
µA to
an external load.
The maximum recommended capacitance on REF OUT for
normal operation is 50 pF. If the reference is required for use
external to the AD7871/AD7872, it should be decoupled with a
200
Ω resistor in series with a parallel combination of a 10 µF
tantalum capacitor and a 0.1
µF ceramic capacitor. These
decoupling components are required to remove voltage spikes
caused by the AD7871/AD7872’s internal operation.
Figure 3. Reference Circuit
TRACK-AND-HOLD AMPLIFIER
The track-and-hold amplifier on the analog input of the
AD7871/AD7872 allows the ADC to accurately convert an in-
put sine wave of 6 V peak-peak amplitude to 14-bit accuracy.
The input bandwidth of the track/hold amplifier is much greater
than the Nyquist rate of the ADC even when the ADC is oper-
ated at its maximum throughput rate. The 0.1 dB cutoff fre-
quency occurs typically at 500 kHz. The track/hold amplifier
acquires an input signal to 14-bit accuracy in less than 2
µs. The
overall throughput rate is determined by the conversion time
plus the track/hold amplifier acquisition time. For a 2 MHz
input clock the throughput time is 12
µs maximum.
Figure 4. Analog Input
The operation of the track/hold amplifier is essentially transpar-
ent to the user. The track/hold amplifier goes from its tracking
mode to its hold mode at the start of conversion. If the
CONVST input is used to start conversion, then the track to
hold transition occurs on the rising edge of
CONVST. If CS on
the AD7871 starts conversion, this transition occurs on the fall-
ing edge of
CS.
ANALOG INPUT
Figure 4 shows the AD7871/AD7872 analog input. The analog
input range is
±3 V into an input resistance of typically 15 kΩ.
The designed code transitions occur midway between successive
integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs . . . FS
–3/2 LSBs). The output code is twos-complement binary with
1 LSB = FS/16384 = 6 V/16384 = 366
µV. The ideal input/out-
put transfer function is shown in Figure 5.
Figure 5. Bipolar Input/Output Transfer Function
BIPOLAR OFFSET AND FULL-SCALE ADJUSTMENT
When the AD7871/AD7872’s offset and full-scale errors need to
be adjusted, offset error must be adjusted first. This is achieved
by trimming the offset of the op amp driving the analog input of
the AD7871/AD7872 while the input voltage is 1/2 LSB below
AGND. The trim procedure is as follows: apply a voltage of
–0.183 mV (–1/2 LSB) at V1 in Figure 6 and adjust the op amp
offset voltage until the ADC output code flickers between 11
1111 1111 1111 and 00 0000 0000 0000.
Figure 6. Bipolar Adjust Circuit


Similar Part No. - AD7872JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7872JR AD-AD7872JR Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results

Similar Description - AD7872JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com