Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7878KP Datasheet(PDF) 9 Page - Analog Devices

Part # AD7878KP
Description  LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7878KP Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7878KP Datasheet HTML 5Page - Analog Devices AD7878KP Datasheet HTML 6Page - Analog Devices AD7878KP Datasheet HTML 7Page - Analog Devices AD7878KP Datasheet HTML 8Page - Analog Devices AD7878KP Datasheet HTML 9Page - Analog Devices AD7878KP Datasheet HTML 10Page - Analog Devices AD7878KP Datasheet HTML 11Page - Analog Devices AD7878KP Datasheet HTML 12Page - Analog Devices AD7878KP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7878
–9–
REV. A
Figure 11 shows a typical plot of effective number of bits versus
frequency for an AD7878KN with a sampling frequency of
100 kHz. The effective number of bits typically falls between
11.7 and 11.85 corresponding to SNR figures of 72.2 and
73.1 dB.
Figure 11. Effective Number of Bits vs. Frequency
Harmonic Distortion
Harmonic Distortion is the ratio of the rms sum of harmonics to
the fundamental. For the AD7878, Total Harmonic Distortion
(THD) is defined as:
THD
= 20 log
(V
2
2
+V
3
2 +V
4
2 +V
5
2 +V
6
2 )
V1
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5 and V6 are the rms amplitudes of the second to the sixth
harmonic. The THD is also derived from the FFT plot of the
ADC output spectrum.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa + nfb where
m, n = 0, 1, 2, 3 . . . . , etc. Intermodulation terms are those for
which neither m nor n is equal to zero. For example, the second
order terms include (fa + fb) and (fa – fb) while the third order
terms include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
Using the CCIF standard, where two input frequencies near the
top end of the input bandwidth are used, the second and third
order terms are of different significance. The second order terms
are usually distanced in frequency from the original sine waves,
while the third order terms are usually at a frequency close to the
input frequencies. As a result, the second and third order terms
are specified separately. The calculation of the intermodulation
distortion is as per the THD specification where it is the ratio of
the rms sum of the individual distortion products to the rms am-
plitude of the fundamental expressed in dBs.
Intermodulation distortion is calculated using an FFT algorithm
but, in this case, the input consists of two equal amplitude, low
distortion sine waves. Figure 12 shows a typical IMD plot for
the AD7878.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to FS/2 and excluding dc) to the rms value of the
fundamental. Normally, the value of this specification will be
determined by the largest harmonic in the spectrum, but for
parts where the harmonics are buried in the noise floor the
largest peak will be a noise peak.
Figure 12. AD7878 IMD Plot
Histogram Plot
When a sine wave of a specified frequency is applied to the VIN
input of the AD7878 and several million samples are taken, it is
possible to plot a histogram showing the frequency of occur-
rence of each of the 4096 ADC codes. If a particular step is
wider than the ideal 1 LSB width, then the code associated with
that step will accumulate more counts than for the code for an
ideal step. Likewise, a step narrower than ideal will have fewer
counts. Missing codes are easily seen in the histogram plot because
a missing code means zero counts for a particular code. Large
spikes in the plot indicate large differential nonlinearity.
Figure 13 shows a histogram plot for the AD7878KN with a
sampling frequency of 100 kHz and an input frequency of
25 kHz. For a sine-wave input, a perfect ADC would produce a
cusp probability density function described by the equation:
p (V )
=
1
π ( A2 –V 2 )
where A is the peak amplitude of the sine wave and p (V) is the
probability of occurrence at a voltage V. The histogram plot of
Figure 13 corresponds very well with this cusp shape. The ab-
sence of large spikes in this plot indicates small dynamic differ-
ential nonlinearity (the largest spike in the plot represents less
than 1/4 LSB of DNL error). The AD7878 has no missing
codes under these conditions since no code records zero counts.
Figure 13. AD7878 Histogram Plot


Similar Part No. - AD7878KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7878KP AD-AD7878KP Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results

Similar Description - AD7878KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
   LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7886 AD-AD7886 Datasheet
400Kb / 16P
   LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
AD7572 AD-AD7572 Datasheet
694Kb / 8P
   LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
REV. A
AD7572A AD-AD7572A Datasheet
816Kb / 12P
   LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
REV. A
AD7572AANZ10 AD-AD7572AANZ10 Datasheet
819Kb / 12P
   LC2MOS COMPLETE,HIGH SPEED 12-BIT ADC
REV. A
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com