Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7886BD Datasheet(PDF) 7 Page - Analog Devices

Part # AD7886BD
Description  LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7886BD Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7886BD Datasheet HTML 3Page - Analog Devices AD7886BD Datasheet HTML 4Page - Analog Devices AD7886BD Datasheet HTML 5Page - Analog Devices AD7886BD Datasheet HTML 6Page - Analog Devices AD7886BD Datasheet HTML 7Page - Analog Devices AD7886BD Datasheet HTML 8Page - Analog Devices AD7886BD Datasheet HTML 9Page - Analog Devices AD7886BD Datasheet HTML 10Page - Analog Devices AD7886BD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7886
–7–
REV. B
OFFSET AND GAIN ADJUSTMENT
In most digital signal processing (DSP) applications, offset and
full-scale errors have little or no effect on system performance.
Offset error can usually be eliminated in the analog domain by
ac coupling. Full-scale errors do not cause problems as long as
the input signal is within the full dynamic range of the ADC.
For applications requiring that the input signal range match the
full analog input dynamic range of the ADC, offset and full-
scale errors must be adjusted to zero.
UNIPOLAR OFFSET AND GAIN ERROR ADJUSTMENT
If absolute accuracy is an application requirement, offset and
gain can be adjusted to zero. Offset error must be adjusted be-
fore gain error. Zero offset is achieved by adjusting the offset of
the op amp driving the analog input (i.e., A1 in Figure 6). For
zero offset error, apply a voltage of 1 LSB to AIN and adjust
the op amp offset until the ADC output code flickers between
0000 0000 0000 and 0000 0000 0001.
0 V to 5 V Range:
1 LSB = 1.22 mV
0 V to 10 V Range: 1 LSB = 2.44 mV
For zero gain, error apply an analog input voltage equal to
FS–1 LSB (last code transition) at AIN and adjust R3 until the
ADC output code flickers between 1111 1111 1110 and 1111
1111 1111.
0 V to 5 V Range:
FS–1 LSB = 4.99878 V
0 V to 10 V Range: FS–1 LSB = 9.99756 V
AD7886*
SUM
+
AD586
VOUT
+V
IN
GND
+V
C1
10
µF
C2
0.1
µF
AD707
VIN1
VIN2**
AGND
V
SS
V
DD
AIN
R1
82k
R2
56k
R3
5k
0 TO 5V
OR
0 TO 10V
+
AD845
A1
5V
+
5REF
+
5V
+
3.5V
V
REF
5V
*ADDITIONAL PINS OMITTED FOR CLARITY
**0 TO 5V RANGE: CONNECT VIN2 TO VIN1
0 TO 10V RANGE: CONNECT VIN2 TO AGND
Figure 6. Unipolar Operation with Gain Error Adjust
BIPOLAR OPERATION
Bipolar operation is achieved by providing a +10 V span on
the VIN1 input while offsetting the VIN2 input by +5 V. A
typical circuit is shown in Figure 7. The output code is off-
set binary. The ideal input/output transfer characteristic is
shown in Figure 8. The LSB size is (10/4096) V = 2.44 mV.
AD7886*
SUM
+
AD586
V
OUT
+V
IN
GND
+V
C1
10
µF
C2
0.1
µF
AD707
VIN1
VIN2
AGND
V
SS
V
DD
AIN
*ADDITIONAL PINS OMITTED FOR CLARITY
5V
+
5REF
+
V
REF
5V
±
5V
+
5V
3.5V
Figure 7. Bipolar Operation
00...000
00...001
01...101
01...110
11...111
11...110
11...101
10...000
10...001
10...010
01...111
FS = 10V
1LSB =
FS
4096
VIN, INPUT VOLTAGE – LSBs
OUTPUT
CODE
1LSB
+1LSB
– 1LSB
2
FS
+
2
FS
+1LSB
Figure 8. Ideal Input/Output Characteristics for
Bipolar Operation


Similar Part No. - AD7886BD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7886 AD-AD7886_15 Datasheet
403Kb / 16P
   LC MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
More results

Similar Description - AD7886BD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7886 AD-AD7886_15 Datasheet
403Kb / 16P
   LC MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
   LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com