Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ110CA Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # SMAJ110CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SMAJ110CA Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  SMAJ110CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SMAJ110CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SMAJ110CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SMAJ110CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transient
SMAJ Series
MERITEK
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
BX
XX
22.0
24.40
26.90
1
35.5
11.3
1
BZ
XZ
24.0
26.70
29.50
1
38.9
10.3
1
CE
YE
26.0
28.90
31.90
1
42.1
9.5
1
CG
YG
28.0
31.10
34.40
1
45.4
8.8
1
CK
YK
30.0
33.30
36.80
1
48.4
8.3
1
CM
YM
33.0
36.70
40.60
1
53.3
7.5
1
CP
YP
36.0
40.00
44.20
1
58.1
6.9
1
CR
YR
40.0
44.40
49.10
1
64.5
6.2
1
CT
YT
43.0
47.80
52.80
1
69.4
5.8
1
CV
YV
45.0
50.00
55.30
1
72.7
5.5
1
CX
YX
48.0
53.30
58.90
1
77.4
5.2
1
CZ
YZ
51.0
56.70
62.70
1
82.4
4.9
1
RE
ZE
54.0
60.00
66.30
1
87.1
4.6
1
RG
ZG
58.0
64.40
71.20
1
93.6
4.3
1
RK
ZK
60.0
66.70
73.70
1
96.8
4.1
1
RM
ZM
64.0
71.10
78.60
1
103.0
3.9
1
RP
ZP
70.0
77.80
86.00
1
113.0
3.5
1
RR
ZR
75.0
83.30
92.10
1
121.0
3.3
1
RT
ZT
78.0
86.70
95.80
1
126.0
3.2
1
RV
ZV
85.0
94.40
104.00
1
137.0
2.9
1
RX
ZX
90.0
100.00
111.00
1
146.0
2.7
1
RZ
ZZ
100.0
111.00
123.00
1
162.0
2.5
1
SE
VE
110.0
122.00
135.00
1
177.0
2.3
1
SG
VG
120.0
133.00
147.00
1
193.0
2.1
1
SK
VK
130.0
144.00
159.00
1
209.0
1.9
1
SM
VM
150.0
167.00
185.00
1
243.0
1.6
1
SP
VP
160.0
178.00
197.00
1
259.0
1.5
1
SR
VR
170.0
189.00
209.00
1
275.0
1.5
1
ST
VT
180.0
201.00
222.00
1
292.0
1.4
1
SU
YU
190.0
209.00
243.20
1
308.0
1.3
1
SV
VV
200.0
224.00
247.00
1
324.0
1.2
1
SW
YW
210.0
231.00
268.80
1
340.0
1.2
1
GE
VX
220. 0
246.00
272.00
1
356.0
1.1
1
SZ
VZ
250.0
279.00
309.00
1
405.0
1.0
1
TE
UE
300.0
335.00
371.00
1
486.0
0.8
1
TG
UG
350.0
391.00
432.00
1
567.0
0.7
1
TK
UK
400.0
447.00
494.00
1
648.0
0.6
1
TM
UM
440.0
492.00
543.00
1
713.0
0.6
1
SMAJ22A
SMAJ22CA
SMAJ24A
SMAJ24CA
SMAJ26A
SMAJ26CA
SMAJ28A
SMAJ28CA
SMAJ30A
SMAJ30CA
SMAJ33A
SMAJ33CA
SMAJ36A
SMAJ36CA
SMAJ40A
SMAJ40CA
SMAJ43A
SMAJ43CA
SMAJ45A
SMAJ45CA
SMAJ48A
SMAJ48CA
SMAJ51A
SMAJ51CA
SMAJ54A
SMAJ54CA
SMAJ58A
SMAJ58CA
SMAJ60A
SMAJ60CA
SMAJ64A
SMAJ64CA
SMAJ70A
SMAJ70CA
SMAJ75A
SMAJ75CA
SMAJ78A
SMAJ78CA
SMAJ85A
SMAJ85CA
SMAJ90A
SMAJ90CA
SMAJ100A
SMAJ100CA
SMAJ110A
SMAJ110CA
SMAJ120A
SMAJ120CA
SMAJ130A
SMAJ130CA
SMAJ150A
SMAJ150CA
SMAJ160A
SMAJ160CA
SMAJ170A
SMAJ170CA
SMAJ180A
SMAJ180CA
SMAJ190A
SMAJ190CA
SMAJ200A
SMAJ200CA
SMAJ210A
SMAJ210CA
SMAJ220A
SMAJ220CA
SMAJ250A
SMAJ250CA
SMAJ300A
SMAJ300CA
SMAJ350A
SMAJ350CA
SMAJ400A
SMAJ400CA
SMAJ440A
SMAJ440CA
Note: For Bidirectional type having VRWM of 10 volts and less,the IR limit doubles.
3
Rev 7


Similar Part No. - SMAJ110CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ110CA BYTES-SMAJ110CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zowie Technology Corpor...
SMAJ110CA ZOWIE-SMAJ110CA Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMAJ110CA DIOTECH-SMAJ110CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Yint Electroni...
SMAJ110CA YINT-SMAJ110CA Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Diodes Incorporated
SMAJ110CA DIODES-SMAJ110CA Datasheet
146Kb / 5P
   400W Peak Pulse Power Dissipation
More results

Similar Description - SMAJ110CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com