Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9313301MPA Datasheet(PDF) 8 Page - Analog Devices

Part # 5962-9313301MPA
Description  Ultralow Distortion, Ultralow Noise Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9313301MPA Datasheet(HTML) 8 Page - Analog Devices

Back Button 5962-9313301MPA Datasheet HTML 4Page - Analog Devices 5962-9313301MPA Datasheet HTML 5Page - Analog Devices 5962-9313301MPA Datasheet HTML 6Page - Analog Devices 5962-9313301MPA Datasheet HTML 7Page - Analog Devices 5962-9313301MPA Datasheet HTML 8Page - Analog Devices 5962-9313301MPA Datasheet HTML 9Page - Analog Devices 5962-9313301MPA Datasheet HTML 10Page - Analog Devices 5962-9313301MPA Datasheet HTML 11Page - Analog Devices 5962-9313301MPA Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD797
REV. C
–8–
This matching benefits not just dc precision but since it holds
up dynamically, both distortion and settling time are also
reduced. This single stage has a voltage gain of >5
× 106 and
VOS <80
µV, while at the same time providing THD + noise of
less than –120 dB and true 16 bit settling in less than 800 ns.
The elimination of second stage noise effects has the additional
benefit of making the low noise of the AD797 (<0.9 nV/
√Hz)
extend to beyond 1 MHz. This means new levels of perfor-
mance for sampled data and imaging systems. All of this perfor-
mance as well as load drive in excess of 30 mA are made
possible by Analog Devices’ advanced Complementary Bipolar
(CB) process.
Another unique feature of this circuit is that the addition of a
single capacitor, CN (Figure 28), enables cancellation of distor-
tion due to the output stage. This can best be explained by
referring to a simplified representation of the AD797 using ide-
alized blocks for the different circuit elements (Figure 29).
A single equation yields the open-loop transfer function of this
amplifier, solving it (at Node B) yields:
VO
VIN
=
gm
CN
A
j
ω – C
N jω –
CC
A
j
ω
gm = the transconductance of Q1 and Q2
A = the gain of the output stage, (~1)
VO = voltage at the output
VIN = differential input voltage
When CN is equal to CC this gives the ideal single pole op amp
response:
VO
VIN
=
gm
j
ωC
The terms in A, which include the properties of the output
stage such as output impedance and distortion, cancel by
simple subtraction, and therefore the distortion cancellation
does not affect the stability or frequency response of the ampli-
fier. With only 500
µA of output stage bias the AD797 delivers
a 1 kHz sine wave into 600
Ω at 7 V rms with only 1 ppm of
distortion.
I1
I2
+IN
Q1
Q2
I3
–IN
CC
I4
OUT
CN
C
B
CURRENT
MIRROR
1
A
A
Figure 29. AD797 Block Diagram
THEORY OF OPERATION
The new architecture of the AD797 was developed to overcome
inherent limitations in previous amplifier designs. Previous pre-
cision amplifiers used three stages to ensure high open-loop
gain, Figure 27b, at the expense of additional frequency com-
pensation components. Slew rate and settling performance are
usually compromised, and dynamic performance is not ad-
equate beyond audio frequencies. As can be seen in Figure 27b,
the first stage gain is rolled off at high frequencies by the com-
pensation network. Second stage noise and distortion will then
appear at the input and degrade performance. The AD797 on
the other hand, uses a single ultrahigh gain stage to achieve dc
as well as dynamic precision. As shown in the simplified sche-
matic (Figure 28), nodes A, B, and C all track in voltage forcing
the operating points of all pairs of devices in the signal path to
match. By exploiting the inherent matching of devices fabricated
on the same IC chip, high open-loop gain, CMRR, PSRR, and
low VOS are all guaranteed by pairwise device matching (i.e.,
NPN to NPN & PNP to PNP), and not absolute parameters
such as beta and early voltage.
R1
C1
RL
VOUT
GAIN = gmR1 ≈ 5 x 10 6
BUFFER
gm
a.
gm
R1
C1
RL
VOUT
GAIN = gmR1 *A2 *A3
R2
A2
A3
C2
BUFFER
b.
Figure 27. Model of AD797 vs. That of a Typical
Three-Stage Amplifier
R2
R3
+IN
Q1
Q2
I1
–IN
Q5
I7
Q6
CC
I4
Q7
R1
Q3
Q4
Q12
I5
Q8
Q9
I6
Q11
Q10
OUT
VCC
VSS
CN
C
A
B
Figure 28. AD797 Simplified Schematic


Similar Part No. - 5962-9313301MPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9313001MPA AD-5962-9313001MPA Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
5962-9313001MPA AD-5962-9313001MPA Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
5962-9313001MPA2 AD-5962-9313001MPA2 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
5962-9313101M2A AD-5962-9313101M2A Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
5962-9313101M2A AD-5962-9313101M2A Datasheet
558Kb / 20P
   High Performance Video Op Amp
Rev. E
More results

Similar Description - 5962-9313301MPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com