Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8011AN Datasheet(PDF) 4 Page - Analog Devices

Part # AD8011AN
Description  300 MHz, 1 mA Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8011AN Datasheet(HTML) 4 Page - Analog Devices

  AD8011AN Datasheet HTML 1Page - Analog Devices AD8011AN Datasheet HTML 2Page - Analog Devices AD8011AN Datasheet HTML 3Page - Analog Devices AD8011AN Datasheet HTML 4Page - Analog Devices AD8011AN Datasheet HTML 5Page - Analog Devices AD8011AN Datasheet HTML 6Page - Analog Devices AD8011AN Datasheet HTML 7Page - Analog Devices AD8011AN Datasheet HTML 8Page - Analog Devices AD8011AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
AD8011
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . . Observe Derating Curves
Small Outline Package (R) . . . . . . . Observe Derating Curves
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±2.5 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range (N, R) . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . – 40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic DIP Package:
θ
JA = 90
°C/W
8-Lead SOIC Package:
θ
JA = 155
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8011 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition tem-
perature of the plastic, approximately +150
°C. Exceeding this
limit temporarily may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of +175
°C for an extended
period can result in device failure.
While the AD8011 is internally short circuit protected, this
may not be sufficient to guarantee that the maximum junction
temperature is not exceeded under all conditions. To ensure
proper operation, it is necessary to observe the maximum power
derating curves (shown below in Figure 3).
2.0
1.5
0.5
–50 –40 –30 –20 –10
0
1020
30
40
50
6070
8090
AMBIENT TEMPERATURE – C
1.0
0
TJ = +150 C
8-LEAD PLASTIC DIP PACKAGE
8-LEAD SOIC PACKAGE
Figure 3. Maximum Power Dissipation vs. Temperature
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8011 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8011AN
– 40
°C to +85°C
8-Lead Plastic DIP
N-8
AD8011AR
– 40
°C to +85°C
8-Lead SOIC
SO-8
AD8011AR-REEL
–40
°C to +85°C
13" Tape and Reel
SO-8
AD8011AR-REEL7
–40
°C to +85°C
7" Tape and Reel
SO-8
AD8011-EB
Evaluation Bo
ard


Similar Part No. - AD8011AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011AN AD-AD8011AN Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AN AD-AD8011AN Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results

Similar Description - AD8011AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_15 Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
Elantec Semiconductor
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com