Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8011AN Datasheet(PDF) 6 Page - Analog Devices

Part # AD8011AN
Description  300 MHz, 1 mA Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8011AN Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8011AN Datasheet HTML 2Page - Analog Devices AD8011AN Datasheet HTML 3Page - Analog Devices AD8011AN Datasheet HTML 4Page - Analog Devices AD8011AN Datasheet HTML 5Page - Analog Devices AD8011AN Datasheet HTML 6Page - Analog Devices AD8011AN Datasheet HTML 7Page - Analog Devices AD8011AN Datasheet HTML 8Page - Analog Devices AD8011AN Datasheet HTML 9Page - Analog Devices AD8011AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD8011
6.5
6.4
6.3
6.2
6.1
5.9
5.8
5.7
1
10
100
500
FREQUENCY – MHz
6.0
5.6
5.5
VS = +5V
VS = 5V
G = +2
VIN = 100mV p-p
RL = 1k
RF = 1k
Figure 10. Gain Flatness; G = +2
FREQUENCY – MHz
–40
–100
1
10
20
–60
–80
3rd
RL =1k
3rd
RL = 150
2nd
RL = 150
2nd
RL = 1k
G = +2
Figure 11. Distortion vs. Frequency; VS =
±5 V
100
0
IRE
RL = 1k
RL = 150
RL = 150
100
0
IRE
RL = 1k
0.04
–0.04
0.00
–0.02
0.02
0.01
–0.01
–0.03
0.03
0.04
–0.04
0.00
–0.02
0.02
0.01
–0.01
–0.03
0.03
VS = 5V
G = +2
VS = 5V
G = +2
0.4
–0.4
0.00
–0.2
0.2
0.1
–0.1
–0.3
0.3
Figure 12. Diff Phase and Diff Gain; VS =
±5 V
9
8
7
6
5
3
2
10
100
1000
10000
LOAD RESISTANCE – Ohms
4
1
0
+5V
5V
Figure 13. Output Voltage Swing vs. Load
FREQUENCY – MHz
–40
–100
1
10
20
–60
–80
3rd
RL =1k
3rd
RL = 150
2nd
RL = 150
G = +2
2nd
RL =1k
Figure 14. Distortion vs. Frequency; VS = +5 V
0.08
–0.08
0.00
–0.04
0.04
100
0
IRE
100
0
IRE
0.02
–0.02
–0.06
0.06
0.8
–0.8
0.0
–0.4
0.4
0.2
–0.2
–0.6
0.6
0.08
–0.08
0.00
–0.04
0.04
0.02
–0.02
–0.06
0.06
RL=150
RL=1k
RL=1k
RL=150
VS = +5V
G = +2
VS = +5V
G = +2
0.8
–0.8
0.0
–0.4
0.4
0.2
–0.2
–0.6
0.6
Figure 15. Diff Phase and Diff Gain; VS = +5 V


Similar Part No. - AD8011AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011AN AD-AD8011AN Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AN AD-AD8011AN Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results

Similar Description - AD8011AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_15 Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
Elantec Semiconductor
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com