Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8011AR-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8011AR-REEL
Description  300 MHz, 1 mA Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8011AR-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8011AR-REEL Datasheet HTML 7Page - Analog Devices AD8011AR-REEL Datasheet HTML 8Page - Analog Devices AD8011AR-REEL Datasheet HTML 9Page - Analog Devices AD8011AR-REEL Datasheet HTML 10Page - Analog Devices AD8011AR-REEL Datasheet HTML 11Page - Analog Devices AD8011AR-REEL Datasheet HTML 12Page - Analog Devices AD8011AR-REEL Datasheet HTML 13Page - Analog Devices AD8011AR-REEL Datasheet HTML 14Page - Analog Devices AD8011AR-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8011
REV. B
–11–
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
400
370
340
310
280
220
190
FREQUENCY – Hz
250
20
0
–20
–40
–120
160
130
100
–140
–160
–180
–60
–80
–100
SERIES 1
IMPEDANCE
ZI(s)
SERIES 2
PHASE
Figure 32. Open-Loop Inverting Input Impedance
ZI (s) goes positive real and approaches 1/2 gmf as
ω approaches
(gmc
× R1 – 1)/τ1. This results in the input resistance for the
AV (s) complex term being 1/2 gmf; the parallel thermal emitter
resistances of Q3/Q4. Using the computed CLBW from AV (s)
above and the nominal design values for the other parameters,
results in a closed loop 3 dB BW equal to the open loop corner
frequency (1/2
πτ1) times 1/[G/(2 g
mf
× T
O) + RF/TO]. For a
fixed RF, the 3 dB BW is controlled by the RF/TO term for low
gains and G/(2 gmf
× TO) for high gains. For example, using
nominal design parameters and R1 = 1 k
Ω (which results in a
nominal TO of 1.2 M
Ω, the computed BW is 80 MHz for G = 0
(inverting I-V mode with RN removed) and 40 MHz for
G = +10/–9.
DRIVING CAPACITIVE LOADS
The AD8011 was designed primarily to drive nonreactive loads.
If driving loads with a capacitive component is desired, best
settling response is obtained by the addition of a small series
resistance as shown in Figure 33. The accompanying graph
shows the optimum value for RSERIES vs. capacitive load. It is
worth noting that the frequency response of the circuit when
driving large capacitive loads will be dominated by the passive
roll-off of RSERIES and CL.
1k
RL
1k
CL
RSERIES
1k
AD8011
Figure 33. Driving Capacitive Load
where R1 is the input resistance to A2/A2B, and
τ1 (equal to
CD
× R1 × A2) is the open loop dominate time constant.
and TO (s) =
|A2|
×R1
2
s
τ1+1
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
FREQUENCY – Hz
140
120
100
80
60
20
0
40
0
–40
–80
–120
–160
–200
–240
–280
PHASE
GAIN
TO(s)
Figure 31. Open-Loop Transimpedance Gain
Note that the ac open-loop plots in Figures 31, 32 and 33 are
based on the full Spice AD8011 simulations and do not include
external parasitics (see below). Nevertheless, these ac loop equa-
tions still provide a good approximation to simulated and actual
performance up to the CLBW of the amplifier. Typically gmc
×
R1 is –4, resulting in AO(s) having a right half plane pole. In the
time domain (inverse Laplace of AO) it appears as unstable,
causing VO to exponentially rail out of its linear region. When
the loop is closed however, the BW is greatly extended and the
transimpedance gain, TO (s) “overrides” and directly controls
the amplifiers stability behavior due to ZI approaching 1/2 gmf
for s>>1/
τ1. See Figure 32. This can be seen by the ZI (s) and
AV (s) noninverting transfer equations below.
Z
I
(s)
=
(1 – g
mc ×
R1)
S
τ1
1 – g
mc ×
R1 +
1
2
× g
mf
( S
τ1+ 1)
AV(s) =
G
1
+
G
AO
+
RF
TO


S
τ1
G
2 gmf TO
+
RF
TO


+ 1




Similar Part No. - AD8011AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
More results

Similar Description - AD8011AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_15 Datasheet
436Kb / 17P
   300 MHz Current Feedback Amplifier
REV. C
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
Elantec Semiconductor
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com