Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMUDM7005_8005 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMUDM7005_8005
Description  20V, 650mA, Complementary MOSFETs in the miniature SOT-523 package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMUDM7005_8005 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMUDM7005_8005 Datasheet HTML 1Page - Central Semiconductor Corp CMUDM7005_8005 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB CMUDM7005_8005 (R1)
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit:
www.centralsemi.com
Innovative Discrete
Semiconductors
Mechanical Drawing
Pin Configuration
Sample devices available upon request. To order samples of this device visit: www.centralsemi.com/info/CMUDM
N-Channel
(Bottom View)
Lead Code:
1) Gate
2) Source
3) Drain
MARKING CODE: 5C7
Lead Code:
1) Gate
2) Source
3) Drain
MARKING CODE: 5C8
P-Channel
(Bottom View)
Packaging Base
Tape Dimensions and Orientation
(Dimensions in mm)
7” Reel =
3,000 pcs. (add TR suffix to part number)
Reel
Size
Reels per Box
(Maximum)
Parts per Box
(Maximum)
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
7”
9
18
40
108
27,000
54,000
120,000
324,000
9x9x5
9x9x9
21x9x9
27x9x17
23x23x13
23x23x23
53x23x23
69x23x43
3
6
13
34
2
3
6
16
Tape Width: 8mm
Direction of Unreeling
* Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-1-A
145 Adams Avenue
Hauppauge New York 11788 USA Tel:(631) 435-1110 Fax:(631) 435-1824
CMUDM7005 (N-Channel)
CMUDM8005 (P-Channel)
20V, 650mA, Complementary MOSFETs
in the miniature SOT-523 package


Similar Part No. - CMUDM7005_8005

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUDM7005 CENTRAL-CMUDM7005_15 Datasheet
398Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results

Similar Description - CMUDM7005_8005

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7005_8005_7585 CENTRAL-CMLDM7005_8005_7585 Datasheet
1Mb / 2P
   20V, 650mA Dual, Complementary MOSFETs in the miniature SOT-563 package
CMNDM7001_8001 CENTRAL-CMNDM7001_8001 Datasheet
1Mb / 2P
   20V, 100mA, MOSFETs in the miniature SOT-953 package
PB-CMLDM7005_1509 CENTRAL-PB-CMLDM7005_1509 Datasheet
1Mb / 2P
   20V, 650mA Dual, Complementary MOSFETs
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
   Dual, Complementary MOSFETs in miniature SOT-563 package
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
   Dual, Complementary MOSFETs in miniature SOT-563 package
CXDM3069N_4060N_6053N CENTRAL-CXDM3069N_4060N_6053N Datasheet
1Mb / 2P
   MOSFETs in the SOT-89 package
logo
Nanjing International G...
MTN5003T DGNJDZ-MTN5003T Datasheet
1Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
Shanghai Leiditech Elec...
2N7002KT LEIDITECH-2N7002KT Datasheet
1Mb / 3P
   SOT-523 Plastic-Encapsulate Mosfets
logo
Nanjing International G...
BSS138WT DGNJDZ-BSS138WT Datasheet
1Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
SHIKUES Electronics
SK2301AAT SKTECHNOLGY-SK2301AAT Datasheet
778Kb / 4P
   SOT-523 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com