Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8015 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8015
Description  Wideband/Differential Output Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8015 Datasheet(HTML) 5 Page - Analog Devices

  AD8015 Datasheet HTML 1Page - Analog Devices AD8015 Datasheet HTML 2Page - Analog Devices AD8015 Datasheet HTML 3Page - Analog Devices AD8015 Datasheet HTML 4Page - Analog Devices AD8015 Datasheet HTML 5Page - Analog Devices AD8015 Datasheet HTML 6Page - Analog Devices AD8015 Datasheet HTML 7Page - Analog Devices AD8015 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD8015
REV. A
–5–
1.5
–1.5
100
0
–1.0
–80
–0.5
–100
1.0
0.5
80
40
20
060
–20
–40
–60
INPUT CURRENT – µA
– 40
°C
+ 25
°C
+85
°C
Figure 6. Differential Output vs. Input Current
0
–2.5
100
–1.0
–2.0
–80
–1.5
–100
–0.5
80
60
40
20
0
–20
–40
–60
INPUT CURRENT – µA
PIN 7
PIN 6
+85
°C
+25
°C
–40
°C
+85
°C
+25
°C
–40
°C
Figure 7. Single-Ended Output vs. Input Current
300
200
80
230
210
–30
220
–40
260
240
250
270
280
290
70
60
50
40
30
20
10
0
–10
–20
TEMPERATURE –
°C
Figure 8. Bandwidth vs. Temperature
9
1
10
100
1000
5
0
4k
AD8015
VOUT
IN
FREQUENCY – MHz
+85
°C
–40
°C AND 0°C
50
Figure 9. Gain vs. Frequency
10
0
10
100
1000
5V, +25
°C
FREQUENCY – MHz
Figure 10. Group Delay vs. Frequency
9.0
7.0
5.0
10.0E+6
100.0E+6
1.0E+9
6.5
6.0
5.5
7.5
8.0
8.5
FREQUENCY – Hz
11.0V
5.0V
4.5V
Figure 11. Differential Gain vs. Supply


Similar Part No. - AD8015

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
More results

Similar Description - AD8015

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
[Old version datasheet]   LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
[Old version datasheet]   LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Texas Instruments
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
LMH32401-Q1 TI-LMH32401-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
APRIL 2023
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com