Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB0811-T3 Datasheet(PDF) 8 Page - Abracon Corporation

Part # AB0811-T3
Description  The Abracon Corporation AB08XX Real Time Clock family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB0811-T3 Datasheet(HTML) 8 Page - Abracon Corporation

Back Button AB0811-T3 Datasheet HTML 4Page - Abracon Corporation AB0811-T3 Datasheet HTML 5Page - Abracon Corporation AB0811-T3 Datasheet HTML 6Page - Abracon Corporation AB0811-T3 Datasheet HTML 7Page - Abracon Corporation AB0811-T3 Datasheet HTML 8Page - Abracon Corporation AB0811-T3 Datasheet HTML 9Page - Abracon Corporation AB0811-T3 Datasheet HTML 10Page - Abracon Corporation AB0811-T3 Datasheet HTML 11Page - Abracon Corporation AB0811-T3 Datasheet HTML 12Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AB08XX Series
Real Time Clock Module
Date of Issue: Sept. 10
th, 2012
3.0 x 3.0 mm
ESD Sensitive
Page (7) of (12)
Abracon Drawing #
Revision #: Initial Release
6. Tape and Reel Information
D C
B
Detail A
A
5ᵒ
G
R = 4 mm
R = 4 mm
Detail B
N
L
W1
W2 (outer width at HUB)
W3 (inner width at outer edge of reel)
(thickness)
T
Detail A
Detail B
(inner width
at HUB)
REEL DRAWING
R0.65
REF
DETAIL A
P2
P0
P1
A0
F
W
ø D0
ø D1
E1
Detail A
Y
Y
B0
K0
3ᵒ
REF
K1
SECTION Y-Y
CARRIER TAPE DRAWING
330 x 178 x 12 mm Reel Dimensions
3x3 QFN Carrier Tape Dimensions
Symbol
MIN
TYP
MAX
Units
Symbol
MIN
TYP
MAX
Units
T
2.3
2.5
2.7
mm
B0
3.2
3.3
3.4
mm
N
178.0
K0
0.9
1.0
1.1
L
330.0
K1
0.25
0.3
0.35
W1
12.4
12.4
12.6
D0
1.50
1.55
1.60
W2
18.4
D1
1.5
W3
12.4
15.4
P0
3.9
4.0
4.1
C
12.8
13.0
13.5
P1
7.9
8.0
8.1
D
20.2
P2
1.9
2.0
2.1
A
10.0
A0
3.2
3.3
3.4
G
4.0
E1
1.65
1.75
1.85
B
1.5
F
5.4
5.5
5.6
W
11.7
12.0
12.3


Similar Part No. - AB0811-T3

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
AB081206 FIBOX-AB081206 Datasheet
70Kb / 2P
   Enclosure, ABS
12.01.2023
AB081206H FIBOX-AB081206H Datasheet
70Kb / 2P
   Enclosure, ABS
12.01.2023
AB081209 FIBOX-AB081209 Datasheet
70Kb / 2P
   Enclosure, ABS
12.01.2023
AB081209H FIBOX-AB081209H Datasheet
73Kb / 2P
   Enclosure, ABS
12.01.2023
logo
Abracon Corporation
AB0815 ABRACON-AB0815 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
More results

Similar Description - AB0811-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB18XX ABRACON-AB18XX Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
logo
STMicroelectronics
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
   A real-time clock is a computer clock that keeps track of the current time
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
   Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
   Ultra-Low-Power Real Time Clock
logo
Golledge Electronics Lt...
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
logo
Abracon Corporation
ABX8X5 ABRACON-ABX8X5 Datasheet
1Mb / 27P
   Real Time Clock Family
AB08X5 ABRACON-AB08X5 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
logo
Analog Devices
MAX31334 AD-MAX31334 Datasheet
989Kb / 53P
   Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
logo
SHANGHAI BELLING CO., L...
BL5373 BELLING-BL5373 Datasheet
268Kb / 30P
   The BL5373 is a CMOS type real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com