Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8019AR-EVAL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8019AR-EVAL
Description  DSL Line Driver with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8019AR-EVAL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8019AR-EVAL Datasheet HTML 7Page - Analog Devices AD8019AR-EVAL Datasheet HTML 8Page - Analog Devices AD8019AR-EVAL Datasheet HTML 9Page - Analog Devices AD8019AR-EVAL Datasheet HTML 10Page - Analog Devices AD8019AR-EVAL Datasheet HTML 11Page - Analog Devices AD8019AR-EVAL Datasheet HTML 12Page - Analog Devices AD8019AR-EVAL Datasheet HTML 13Page - Analog Devices AD8019AR-EVAL Datasheet HTML 14Page - Analog Devices AD8019AR-EVAL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD8019
–11–
RL
–VS
+VO
+VS
–VO
+VS
–VS
Figure 3. Simplified Differential Driver
Remembering that each output device only dissipates for half
the time gives a simple integral that computes the power for
each device:
1
2
2
∫×
(
)
()
VV
V
R
SO
O
L
The total supply power can then be computed as:
PV
V
V
I V
P
TOT
S
O
O
Q
S
OUT
=∫
− ∫
× +
+
4
1
2
2
2
(|
|
)
α
In this differential driver, VO is the voltage at the output of one
amplifier, so 2 VO is the voltage across RL. RL is the total
impedance seen by the differential driver, including back
termination. Now, with two observations the integrals are easily
evaluated. First, the integral of VO
2 is simply the square of the
rms value of VO. Second, the integral of | VO | is equal to the
average rectified value of VO, sometimes called the mean average
deviation, or MAD. It can be shown that for a DMT signal, the
MAD value is equal to 0.8 times the rms value.
PV rms V
V rms
R
IV
P
TOT
O
S
O
L
Q
S
OUT
+
+
40 8
1
2
2
(.
)
α
For the AD8019 operating on a single 12 V supply and delivering a
total of 16 dBm (13 dBm to the line and 3 dBm to the matching
network) into 17.3
Ω (100 Ω reflected back through a 1:1.7
transformer plus back termination), the dissipated power is:
= 332 mW + 40 mW
= 372 mW
Using these calculations and a
θJA of 90°C/W for the TSSOP
package and 100
°C/W for the SOIC, Tables I–IV show junc-
tion temperature versus power delivered to the line for several
supply voltages while operating with an ambient temperature
of 85
°C. The shaded areas indicate operation at a junction
temperature over the absolute maximum rating of 150
°C, and
should be avoided.
Table I. Junction Temperature vs. Line Power and Operating
Voltage for TSSOP
VSUPPLY
PLINE, dBm
12
12.5
13
13
132
134
137
14
134
137
139
15
136
139
141
16
139
141
144
17
141
144
147
18
143
147
150
GENERAL INFORMATION
The AD8019 is a voltage feedback amplifier with high output
current capability. As a voltage feedback amplifier, the AD8019
features lower current noise and more applications flexibility than
current feedback designs. It is fabricated on Analog Devices’
proprietary High Voltage eXtra Fast Complementary Bipolar
Process (XFCB-HV), which enables the construction of PNP
and NPN transistors with similar fTs in the 4 GHz region. The
process is dielectrically isolated to eliminate the parasitic and
latch-up problems caused by junction isolation. These features
enable the construction of high-frequency, low-distortion amplifiers.
POWER-DOWN FEATURE
A digitally programmable logic pin (PWDN) is available on the
TSSOP-14 package. It allows the user to select between two
operating conditions, full on and shutdown. The DGND pin is
the logic reference. The threshold for the PWDN pin is typically
1.8 V above DGND. If the power-down feature is not being
used, it is better to tie the DGND pin to the lowest potential
that the AD8019 is tied to and place the PWDN pin at a poten-
tial at least 3 V higher than that of the DGND pin, but lower
than the positive supply voltage.
POWER SUPPLY AND DECOUPLING
The AD8019 can be powered with a good quality (i.e., low-noise)
supply anywhere in the range from +12 V to
±12 V. In order to
optimize the ADSL upstream drive capability of 13 dBm and
maintain the best Spurious Free Dynamic Range (SFDR), the
AD8019 circuit should be powered with a well-regulated supply.
Careful attention must be paid to decoupling the power supply.
High quality capacitors with low equivalent series resistance
(ESR) such as multilayer ceramic capacitors (MLCCs) should
be used to minimize supply voltage ripple and power dissipa-
tion. In addition, 0.1
µF MLCC decoupling capacitors should
be located no more than 1/8 inch away from each of the power
supply pins. A large, usually tantalum, 10
µF to 47 µF capacitor
is required to provide good decoupling for lower frequency
signals and to supply current for fast, large signal changes at
the AD8019 outputs.
POWER DISSIPATION
It is important to consider the total power dissipation of the
AD8019 in order to properly size the heat sink area of an appli-
cation. Figure 3 is a simple representation of a differential driver.
With some simplifying assumptions we can estimate the total
power dissipated in this circuit. If the output current is large
compared to the quiescent current, computing the dissipation
in the output devices and adding it to the quiescent power dissipa-
tion will give a close approximation of the total power dissipation in
the package. A factor
α (~0.6-1) corrects for the slight error
due to the Class A/B operation of the output stage. It can be
estimated by subtracting the quiescent current in the output
stage from the total quiescent current and ratioing that to the
total quiescent current. For the AD8019,
α = 0.833.


Similar Part No. - AD8019AR-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8019 AD-AD8019_15 Datasheet
1Mb / 20P
   DSL Line Driver with Power-Down
REV. 0
More results

Similar Description - AD8019AR-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8019 AD-AD8019_15 Datasheet
1Mb / 20P
   DSL Line Driver with Power-Down
REV. 0
logo
Texas Instruments
THS6301 TI1-THS6301 Datasheet
261Kb / 19P
[Old version datasheet]   G.Fast DSL Line Driver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508_07 Datasheet
404Kb / 18P
   Differential DSL Line Driver
logo
Renesas Technology Corp
EL1508 RENESAS-EL1508 Datasheet
864Kb / 18P
   Differential DSL Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1508C ELANTEC-EL1508C Datasheet
137Kb / 2P
   Differential DSL Line Driver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508 Datasheet
45Kb / 2P
   Differential DSL Line Driver
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com