Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP0030 Datasheet(PDF) 5 Page - Supertex, Inc

Part # FP0030
Description  Low Voltage Protection Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

FP0030 Datasheet(HTML) 5 Page - Supertex, Inc

  FP0030 Datasheet HTML 1Page - Supertex, Inc FP0030 Datasheet HTML 2Page - Supertex, Inc FP0030 Datasheet HTML 3Page - Supertex, Inc FP0030 Datasheet HTML 4Page - Supertex, Inc FP0030 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2012 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
5
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
FP0030
Doc.# DSFP-FP0030
A072312
3-Lead TO-236AB (SOT-23) Package Outline (K1)
2.90x1.30mm body, 1.12mm height (max), 1.90mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
e1
L
L1
θ
Dimension
(mm)
MIN
0.89
0.01
0.88
0.30
2.80
2.10
1.20
0.95
BSC
1.90
BSC
0.20
0.54
REF
0O
NOM
-
-
0.95
-
2.90
-
1.30
0.50
-
MAX
1.12
0.10
1.02
0.50
3.04
2.64
1.40
0.60
8O
JEDEC Registration TO-236, Variation AB, Issue H, Jan. 1999.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc.#: DSPD-3TO236ABK1, Version C041309.
View B
View A - A
Side View
Top View
View B
Gauge
Plane
Seating
Plane
0.25
L1
L
E1 E
D
3
1
2
e
e1
b
A
A
Seating
Plane
A A2
A1


Similar Part No. - FP0030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FP0032 VISHAY-FP0032 Datasheet
241Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
logo
Solid States Devices, I...
FP0035 SSDI-FP0035 Datasheet
268Kb / 2P
   P-CHANNEL POWER MOSFET
FP0035 SSDI-FP0035_15 Datasheet
268Kb / 2P
   P-CHANNEL POWER MOSFET
More results

Similar Description - FP0030

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4684 ANALOGICTECH-AAT4684 Datasheet
291Kb / 13P
   Over-Voltage Protection Switch
logo
StarHope
SPE06TA SPSEMI-SPE06TA Datasheet
821Kb / 2P
   Low protection voltage
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_05 Datasheet
169Kb / 11P
   Low Voltage SPDT Analog Switch with 2V Undershoot Protection
logo
ETA SOLUTIONS CO. LIMIT...
ETA6121 ETA-ETA6121 Datasheet
291Kb / 1P
   Over-Voltage Protection Load Switch
logo
Will Semiconductor Ltd.
WS3210C62 WILLSEMI-WS3210C62 Datasheet
764Kb / 8P
   Over-Voltage Protection Load Switch
WS3210C68 WILLSEMI-WS3210C68 Datasheet
732Kb / 8P
   Over-Voltage Protection Load Switch
logo
Kinetic Technologies.
KTS1671 KINETIC-KTS1671 Datasheet
861Kb / 10P
   Adjustable Over-Voltage Protection Switch
September 2016 - Revision 03f
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com