Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8031AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD8031AR
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8031AR Datasheet HTML 2Page - Analog Devices AD8031AR Datasheet HTML 3Page - Analog Devices AD8031AR Datasheet HTML 4Page - Analog Devices AD8031AR Datasheet HTML 5Page - Analog Devices AD8031AR Datasheet HTML 6Page - Analog Devices AD8031AR Datasheet HTML 7Page - Analog Devices AD8031AR Datasheet HTML 8Page - Analog Devices AD8031AR Datasheet HTML 9Page - Analog Devices AD8031AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8031/AD8032–Typical Performance Characteristics
–6–
REV. B
VOS – mV
–5
–4
–3
–2
–1
0
1
2
3
4
5
90
80
0
40
30
20
10
60
50
70
N = 250
Figure 3. Typical VOS Distribution @ VS = 5 V
TEMPERATURE – C
2.5
2.3
1.5
–40
90
–30 –20 –10
0
10
20
30
4050
6070
80
2.1
1.9
1.7
VS = +5V
VS = 5V
Figure 4. Input Offset Voltage vs. Temperature
TEMPERATURE – C
1
0.65
0.5
–40
90
–30 –20 –10
0
1020
3040
50
60
70
80
0.95
0.7
0.6
0.55
0.85
0.75
0.9
0.8
VS = +5V
Figure 5. Input Bias Current vs. Temperature
COMMON-MODE VOLTAGE – V
800
–800
010
1
23
45
67
89
VS = +2.7V
600
400
200
0
–200
–400
–600
VS = +5V
VS = +10V
Figure 6. Input Bias Current vs. Common-Mode Voltage
COMMON-MODE VOLTAGE – V
0
–0.3
–0.6
05
0.5
1
1.5
2
2.5
3
3.5
4
4.5
–0.1
–0.2
–0.4
–0.5
VS = +5V
Figure 7. VOS vs. Common-Mode Voltage
TEMPERATURE – C
1000
750
600
–40
90
–30 –20 –10
0
10
20
30
40
50
60
70
80
950
800
700
650
900
850
IS, VS = 5V
+IS, VS = +5V
+IS, VS = +2.7V
Figure 8. Supply Current vs. Temperature


Similar Part No. - AD8031AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031AR AD-AD8031AR Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031AR AD-AD8031AR Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8031AR-EBZ AD-AD8031AR-EBZ Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8031AR-REEL AD-AD8031AR-REEL Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031AR-REEL7 AD-AD8031AR-REEL7 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
More results

Similar Description - AD8031AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031ART AD-AD8031ART Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com