Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8044AN Datasheet(PDF) 11 Page - Analog Devices

Part # AD8044AN
Description  Quad 150 MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044AN Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8044AN Datasheet HTML 6Page - Analog Devices AD8044AN Datasheet HTML 7Page - Analog Devices AD8044AN Datasheet HTML 8Page - Analog Devices AD8044AN Datasheet HTML 9Page - Analog Devices AD8044AN Datasheet HTML 10Page - Analog Devices AD8044AN Datasheet HTML 11Page - Analog Devices AD8044AN Datasheet HTML 12Page - Analog Devices AD8044AN Datasheet HTML 13Page - Analog Devices AD8044AN Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
AD8229
Rev. B | Page 11 of 24
0
2
4
6
8
10
12
0
100
200
300
400
500
600
700
WARM-UP TIME (s)
Figure 23. Change in Input Offset Voltage (VOSI) vs. Warm-Up Time
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
–200
–150
–100
–50
0
50
100
150
200
TEMPERATURE (°C)
55
–25
5
35
65
95
125
155
185
215
CURRENT
INPUT OFFSET
CURRENT
INPUT BIAS
Figure 24. Input Bias Current and Input Offset Current vs. Temperature
–250
–200
–150
–100
–50
0
50
100
150
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
Figure 25. Gain Error vs. Temperature, G = 1, Normalized at 25°C
–10
–5
0
5
10
15
20
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
Figure 26. CMRR vs. Temperature, G = 1, Normalized at 25°C
0
2
4
6
8
10
12
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
Figure 27. Supply Current vs. Temperature, G = 1
–50
–40
–30
–20
–10
0
10
20
30
40
50
ISHORT–
ISHORT+
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
Figure 28. Short-Circuit Current vs. Temperature, G = 1


Similar Part No. - AD8044AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044AN AD-AD8044AN Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AN AD-AD8044AN Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AN AD-AD8044AN Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
More results

Similar Description - AD8044AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR AD-AD8044AR Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044_04 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com